Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 44 of 79
Table 48. ADIN1101 Register Summary (Continued)
Device Address
Register Address
Name
Description
Reset
Access
0x01
0x0012
PMA_PMD_BT1_ABILITY
BASE-T1 PMA/PMD Extended Ability
Register.
0x0004
R
0x01
0x0834
PMA_PMD_BT1_CONTROL
BASE-T1 PMA/PMD Control Register.
0x8002
R/W
0x01
0x08F6
B10L_PMA_CNTRL
10BASE-T1L PMA Control Register.
0x0000
R/W
0x01
0x08F7
B10L_PMA_STAT
10BASE-T1L PMA Status Register.
0x2800
R
0x01
0x08F8
B10L_TEST_MODE_CNTRL
10BASE-T1L Test Mode Control Register. 0x0000
R/W
0x01
0x8302
B10L_PMA_LINK_STAT
10BASE-T1L PMA Link Status Register.
0x0000
R
0x01
0x830B
MSE_VAL
Mean Squared Error (MSE) Value
Register.
0x0000
R
0x03
0x0000
PCS_CNTRL1
PCS Control 1 Register.
0x0000
R/W
0x03
0x0001
PCS_STAT1
PCS Status 1 Register.
0x0002
R
0x03
0x0005
PCS_DEVS_IN_PKG1
PCS MMD Devices in Package 1
Register.
0x008B
R
0x03
0x0006
PCS_DEVS_IN_PKG2
PCS MMD Devices in Package 2
Register.
0xC000
R
0x03
0x0008
PCS_STAT2
PCS Status 2 Register.
0x8000
R
0x03
0x08E6
B10L_PCS_CNTRL
10BASE-T1L PCS Control Register.
0x0000
R/W
0x03
0x08E7
B10L_PCS_STAT
10BASE-T1L PCS Status Register.
0x0000
R
0x07
0x0005
AN_DEVS_IN_PKG1
Autonegotiation MMD Devices in
Package 1 Register.
0x008B
R
0x07
0x0006
AN_DEVS_IN_PKG2
Autonegotiation MMD Devices in
Package 2 Register.
0xC000
R
0x07
0x0200
AN_CONTROL
BASE-T1 Autonegotiation Control
Register.
0x1000
R/W
0x07
0x0201
AN_STATUS
BASE-T1 Autonegotiation Status
Register.
0x0008
R
0x07
0x0202
AN_ADV_ABILITY_L
BASE-T1 Autonegotiation Advertisement
Register, Bits[15:0].
0x0001
R/W
0x07
0x0203
AN_ADV_ABILITY_M
BASE-T1 Autonegotiation Advertisement
Register, Bits[31:16].
0x4000
R/W
0x07
0x0204
AN_ADV_ABILITY_H
BASE-T1 Autonegotiation Advertisement
Register, Bits[47:32].
0x0000
R/W
0x07
0x0205
AN_LP_ADV_ABILITY_L
BASE-T1 Autonegotiation Link Partner
Base Page Ability Register, Bits[15:0].
0x0000
R
0x07
0x0206
AN_LP_ADV_ABILITY_M
BASE-T1 Autonegotiation Link Partner
Base Page Ability Register, Bits[31:16].
0x0000
R
0x07
0x0207
AN_LP_ADV_ABILITY_H
BASE-T1 Autonegotiation Link Partner
Base Page Ability Register, Bits[47:32].
0x0000
R
0x07
0x0208
AN_NEXT_PAGE_L
BASE-T1 Autonegotiation Next Page
Transmit Register, Bits[15:0].
0x2001
R/W
0x07
0x0209
AN_NEXT_PAGE_M
BASE-T1 Autonegotiation Next Page
Transmit Register, Bits[31:16].
0x0000
R/W
0x07
0x020A
AN_NEXT_PAGE_H
BASE-T1 Autonegotiation Next Page
Transmit Register, Bits[47:32].
0x0000
R/W
0x07
0x020B
AN_LP_NEXT_PAGE_L
BASE-T1 Autonegotiation Link Partner
Next Page Ability Register, Bits[15:0].
0x0000
R
0x07
0x020C
AN_LP_NEXT_PAGE_M
BASE-T1 Autonegotiation Link Partner
Next Page Ability Register, Bits[31:16].
0x0000
R
0x07
0x020D
AN_LP_NEXT_PAGE_H
BASE-T1 Autonegotiation Link Partner
Next Page Ability Register, Bits[47:32].
0x0000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com