Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 70 of 79
Vendor Specific Device 1 and Vendor Specific Device 2 MMDs are present.
Table 117. Bit Descriptions for MMD2_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD2_DEVS_IN_PKG2
Vendor Specific 2 MMD Devices in Package 2. Vendor Specific Device 1 and Vendor Specific
Device 2 MMDs are present.
0xC000
R
Vendor Specific MMD 2 Status Register
Device Address: 0x1F; Register Address: 0x0008, Reset: 0x8000, Name: MMD2_STATUS
This address corresponds to the Vendor Specific MMD 2 status register.
Table 118. Bit Descriptions for MMD2_STATUS
Bits
Bit Name
Description
Reset
Access
[15:14]
MMD2_STATUS
Vendor Specific 2 MMD Status.
0x2
R
10 = device responding at this address.
11 = no device responding at this address.
01 = no device responding at this address.
00 = no device responding at this address.
[13:0]
RESERVED
Reserved.
0x0
R
PHY Subsystem Interrupt Status Register
Device Address: 0x1F; Register Address: 0x0011, Reset: 0x0000, Name: PHY_SUBSYS_IRQ_STATUS
This address can be read to check which interrupt events have occurred since the last time it was read. Each bit goes high when the associated
event occurs and then latches high until it is unlatched by reading. The bits of PHY_SUBSYS_IRQ_STATUS go high even when the associated
bits in PHY_SUBSYS_IRQ_MASK are not set. A reserved interrupt being triggered indicates a fatal error in the system.
Table 119. Bit Descriptions for PHY_SUBSYS_IRQ_STATUS
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R LH
14
MAC_IF_FC_FG_IRQ_LH
MAC Interface Frame Checker/Generator Interrupt.
0x0
R LH
13
MAC_IF_EBUF_ERR_IRQ_LH
MAC Interface Buffers Overflow/Underflow Interrupt.
0x0
R LH
12
RESERVED
Reserved.
0x0
R LH
11
AN_STAT_CHNG_IRQ_LH
Autonegotiation Status Change Interrupt.
0x0
R LH
[10:2]
RESERVED
Reserved.
0x0
R LH
1
LINK_STAT_CHNG_LH
Link Status Change.
0x0
R LH
0
RESERVED
Reserved.
0x0
R LH
PHY Subsystem Interrupt Mask Register
Device Address: 0x1F; Register Address: 0x0021, Reset: 0x2402, Name: PHY_SUBSYS_IRQ_MASK
Controls whether or not the interrupt signal is asserted in response to various events.
Table 120. Bit Descriptions for PHY_SUBSYS_IRQ_MASK
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x0
R/W SC
14
MAC_IF_FC_FG_IRQ_EN
Enable MAC Interface Frame Checker/Generator Interrupt.
0x0
R/W
13
MAC_IF_EBUF_ERR_IRQ_EN
Enable MAC Interface Buffers Overflow/Underflow Interrupt.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com