Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADIN1101BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
Data Sheet
ADIN1101
TIMING CHARACTERISTICS
analog.com
Rev. A | 5 of 79
POWER-UP TIMING
Table 3. Power-Up Timing
Parameter
Description
Min
Typ
Max
Unit
tRAMP
Power supply ramp time
40
ms
t1
Minimum time interval to internal power good1
20
43
ms
t2
Hardware configuration latch time
6
8
14
μs
t3
Management interface active
50
ms
1 The minimum time interval is referenced to the last supply to reach its rising threshold. There is no specific power supply sequencing required.
Figure 2. Power-Up Timing
MANAGEMENT INTERFACE TIMING
Table 4. Management Interface Timing
Parameter
Description
Min
Typ
Max
Unit
t1
MDC period
400
ns
t2
MDC high time
100
ns
t3
MDC low time
100
ns
t4
MDC rise or fall time
5
ns
t5
MDIO signal setup time to MDC
10
ns
t6
MDIO signal hold time to MDC
10
ns
t7
MDIO delay time to MDC
300
ns
Figure 3. Management Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com