Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
Data Sheet
ADIN1101
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 9 of 79
Table 8. Pin Function Descriptions (Continued)
Pin No.
Mnemonic1
PU/PD2
Description
LDO and Reference Decoupling
14
CEXT_2
N/A
External Decoupling for LDO Circuit. Connect a 0.1 μF capacitor to ground as
close as possible to this pin. Do not use this pin as a voltage source for an
external circuit.
15
CEXT_3
N/A
External Decoupling for LDO Circuit. Connect a 1 μF capacitor to ground as
close as possible to this pin. Do not use this pin as a voltage source for an
external circuit.
Power and Ground Pins
13
AVDD_H
N/A
Analog Supply Voltage for the Various Analog Circuits in the Device. This
supply rail can be supplied by 1.8 V to 3.3 V depending on the transmit level
configuration. If AVDD_H is 3.3 V, both 1.0 V p-p and 2.4 V p-p transmit
operating modes are supported. If AVDD_H is 1.8 V, only 1.0 V p-p transmit
operating mode is supported. Connect 0.1 μF and 0.01 μF capacitors to GND
as close as possible to this pin.
16
AVDD_L
N/A
Analog Supply Voltage for the Internal LDO Circuits. This supply rail can be
supplied by 1.8 V to 3.3 V. AVDD_L can be connected directly to the AVDD_H
rail in long reach applications or alternatively to the VDDIO rail when the device
is configured with dual supplies for lower power consumption. Connect 0.1 μF
and 0.01 μF capacitors to GND as close as possible to this pin.
17
DLDO_1P1
N/A
Output from an Internal 1.1 V LDO Circuit. Connect a 0.68 μF capacitor to
ground as close as possible to this pin.
28
VDDIO
N/A
3.3 V, 2.5 V, or 1.8 V Digital Power for MDIO and MAC Interface. Connect 0.1
μF and 0.01 μF capacitors to GND as close as possible to the pin.
33
EP (GND)
N/A
Exposed Pad (Ground). This GND paddle must be connected to ground. The
LFCSP package has an exposed pad that needs to be connected to GND
for electrical reasons and must be soldered to a metal plate on the PCB for
mechanical reasons. A 4 × 4 array of thermal vias beneath the exposed GND
pad is also recommended.
Other Pins
9, 10
NC
N/A
No Connect.
1 Where a pin is shared between a functional signal and a hardware configuration pin signal, the hardware configuration pin signal is listed last.
2 PU/PD refers to internal/on-chip pull-up or pull-down resistors. All of the hardware configuration pins have internal pull-down resistors. The default mode of operation
without any external resistors connected to these pins is shown in Table 14. If an alternative mode of operation is required, use 4.7 kΩ pull-up resistors. N/A means not
applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com