Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADIN1101BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
Data Sheet
ADIN1101
SPECIFICATIONS
analog.com
Rev. A | 3 of 79
AVDD_H = AVDD_L = VDDIO = 3.3 V, and all specifications at −40°C to +105°C, unless otherwise noted.
Table 1. General Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUTS/OUTPUTS
Applies to MAC interface pins, MDC,
MDIO, INT, LINK_ST/PHYAD_2, RESET,
and LED_0
VDDIO = 3.3 V
Input Low Voltage (VIL)
0.8
V
Input High Voltage (VIH)
2.0
V
Output Low Voltage (VOL)
0.4
V
Output low current (IOL) (minimum) = 2 mA
Output High Voltage (VOH)
2.4
V
Output high current (IOH) (minimum) = 2 mA
VDDIO = 2.5 V
VIL
0.7
V
VIH
1.7
V
VOL
0.4
V
IOL (minimum) = 2 mA
VOH
2.0
V
IOH (minimum) = 2 mA
VDDIO = 1.8 V
VIL
0.3 × VDDIO
V
VIH
0.7 × VDDIO
V
VOL
0.2 × VDDIO
V
IOL (minimum) = 2 mA
VOH
0.8 × VDDIO
V
IOH (minimum) = 2 mA
RESET Deglitch Time
0.3
0.5
1
µs
LED/LINK STATUS OUTPUT
Output Drive Current
8
mA
VDDIO = 3.3 V
6
mA
VDDIO = 2.5 V
4
mA
VDDIO = 1.8 V
CLOCKS
External Crystal (XTAL)
Requirements for external crystal used on
XTAL_I/CLK_IN pin and XTAL_O pin
Crystal Frequency
25
MHz
Crystal Frequency Tolerance
−30
+30
ppm
Crystal Drive Level
<200
µW
Crystal Equivalent Series Resistance
(ESR)
60
Ω
XTAL_I, XTAL_O Input Capacitance
(CIN,EQ)
1.5
pF
Equivalent parallel differential input
capacitance looking into XTAL_I/CLK_IN
and XTAL_O pins
Crystal Load Capacitance (CL)1
10
18
pF
Including PCB trace capacitance and
XTAL_I, XTAL_O CIN,EQ
Start-Up Time
2
ms
Crystal oscillator only
Clock Input (CLK_IN)
Clock Input Frequency
25
MHz
Requirements for external clock applied
to XTAL_I/CLK_IN pin, media independent
interface (MII) mode
50
MHz
Reduced media independent interface
(RMII) mode
Clock Input Voltage Range
0.8
2.5
V p-p
Sine or square wave at XTAL_I/CLK_IN pin
Clock Input Duty Cycle
45
55
%
XTAL_I Input Impedance (ZIN,EQ)
Driving Point Resistance (RP)2
6
kΩ
RP||CP
Driving Point Capacitance (CP)2
3
pF
Jitter Tolerance (RMS)
40
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com