Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
Data Sheet
ADIN1101
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 8 of 79
Table 8. Pin Function Descriptions (Continued)
Pin No.
Mnemonic1
PU/PD2
Description
MAC Interface
1
TXD_2
PD
Reduced Gigabit Media Independent Interface (RGMII)/MII Transmit Data 2
Input. See the MAC Interface section.
2
TXD_3/MEDIA_CNV
PD
RGMII/MII Transmit Data 3 Input (TXD_3). See the MAC Interface section.
Media Converter Hardware Configuration Pin (MEDIA_CNV).
21
RXD_3/PHYAD_1
PD
RGMII/MII Receive Data 3 Output (RXD_3). See the MAC Interface section.
PHY Address Hardware Configuration Pin 1 (PHYAD_1).
22
RXD_2/PHYAD_0
PD
RGMII/MII Receive Data 2 Output (RXD_2). See the MAC Interface section.
PHY Address Hardware Configuration Pin 0 (PHYAD_0).
23
RXD_1/MS_SEL
PD
RGMII/RMII/MII Receive Data 1 Output (RXD_1). See the MAC Interface
section.
Leader/Follower Selection (MS_SEL). Set high for prefer leader selection and
low for prefer follower selection. See Table 18.
24
RXD_0/TX2P4_EN
PD
RGMII/RMII/MII Receive Data 0 Output (RXD_0). See the MAC Interface
section.
Transmit Level Amplitude Hardware Configuration Pin (TX2P4_EN). Set high
for 1 V p-p transmit amplitude. A low supports both 1 V p-p and 2.4 V p-p
transmit amplitudes. See Table 19.
25
RX_CLK/RXC/MACIF_SEL0
PD
2.5 MHz MII Receive Clock Output (RX_CLK).
2.5 MHz RGMII Receive Clock Output (RXC).
MAC Interface Selection Hardware Configuration Pin 0 (MACIF_SEL0). See
the MAC Interface Selection section.
26
RX_DV/RX_CTL/SWPD_EN
PD
RMII/MII Mode Received Data Valid Output (RX_DV). This signal is known as
CRS_DV in RMII mode. When asserted high, RX_DV indicates that valid data
is present on the RXD_x lines.
PD
RGMII Mode Receive Control Signal (RX_CTL). RX_CTL is a combination of
the RX_DV and RX_ER signals using both edges of RXC.
Software Power-Down Configuration (SWPD_EN). Set SWPD_EN low to
configure the PHY to enter software power-down mode after power-up or
reset. See Table 17.
27
RX_ER/MACIF_SEL1
PD
RMII/MII Mode Receive Error Detected Output (RX_ER). When asserted high,
RX_ER indicates that the PHY has detected a receive error.
MAC Interface Selection Hardware Configuration Pin 1 (MACIF_SEL1). See
Table 21.
29
TX_EN/TX_CTL
PD
RMII/MII Mode Transmit Enable Input from the MAC to the PHY (TX_EN).
TX_EN indicates that transmission data is available on the TXD_x lines.
RGMII Mode Transmit Control Signal (TX_CTL). TX_CTL is a combination of
the TX_EN and RX_ER signals using both edges of TXC.
30
TX_CLK/TXC
PD
2.5 MHz MII Transmit Clock Output (TX_CLK).
2.5 MHz RGMII Transmit Clock Input (TXC).
31
TXD_0
PD
RGMII/RMII/MII Transmit Data 0 Input. See the MAC Interface section.
32
TXD_1
PD
RGMII/RMII/MII Transmit Data 1 Input. See the MAC Interface section.
Status
3
LED_0
PU
General-Purpose, Programmable LED Indicator 0. The LED can be active high
or active low. By default, LED_0 is configured to turn on when a link is
established and blink when there is activity. See the Status LEDs section.
4
LINK_ST/PHYAD_2
PD
Link Status Output (LINK_ST). LINK_ST indicates whether a valid link has
been established. LINK_ST is active high.
PHY Address Hardware Configuration Pin 2 (PHYAD_2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com