Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
Data Sheet
ADIN1101
THEORY OF OPERATION
analog.com
Rev. A | 16 of 79
Autonegotiation Fail
On a 10BASE-T1L link, the autonegotiation can fail and can be
caused by various scenarios.
►
Configuration fault such as invalid leader/follower configuration
►
Link quality issues
►
Timeout in pages transmission
If the autonegotiation fails, the link remains down until the autone-
gotiation process is restarted and completed.
MANAGEMENT INTERFACE
The MII management interface provides a 2-wire serial interface
between a host controller or external MAC chip and the ADIN1101
allowing access to control and status information in the subsystem
and PHY core management registers.
The MII management interface consists of the following:
►
MDC: clock line
►
MDIO: bidirectional data line
►
PHYAD_0, PHYAD_1, PHYAD_2: PHY address selection
►
INT: configurable management interrupt
The interface is compatible with both IEEE Standard 802.3 Clause
22 and Clause 45 management frame structures (see the MDIO
Interface section).
MDI Circuitry
The MDI connects the ADIN1101 to the Ethernet network via a
twisted wire pair.
The ADIN1101 provides a two-pin MDI with internal termination
resistors and an internal hybrid to connect the ADIN1101 directly to
the Ethernet network via a twisted wire pair.
Figure 13, Figure 14, and Figure 15 show the topologies and values
for the components.
The component values are as follows:
►
D1, D2: protection components low capacitance (<5 pF), low-
voltage (standoff voltage ≥3.3 V) TVS.
►
C1, C2: 0.22 µF, 60 V rating. If a transformer with low inductance
is 350 µH, then C1 and C2 may need to increase to 0.47 µF (to
comply with droop specification per IEEE 802.3).
►
R7, R8: optional resistors preventing built up charge on the C1
and C2 capacitors (100 kΩ to ~ 1 MΩ).
►
C3, C4: 47 pF to 100 pF, ±5% tolerance.
►
D3: protection component low capacitance TVS (≤100 pF). It is
important that the TVS diode has low capacitance.
►
L1 transformer: provides galvanic isolation.
►
Must be able to operate in the frequency range from 100 kHz
to 20 MHz.
►
Inductance > 350 µH.
►
L2 common-mode inductor: ≥220 µH, low-leakage inductance
<0.5 µH.
►
L3 power inductor: power coupling for advanced physical layer
(APL) and non APL devices.
►
APL: >880 µH differentially to achieve 10% max droop.
►
Recommended >220 µH coupled inductor (two inductors on
a common magnetic core).
►
Or two >440 µH individual inductors.
►
Non APL: >160 µH differentially to achieve approximately 25%
max droop.
►
Recommended >47 µH coupled inductor (two inductors on
a common magnetic core).
►
Or two >100 µH individual inductors.
Note that an isolation transformer is present on the MDI transmis-
sion line, the parallel combination between the inductance of the
transformer and the total differential inductance of the power induc-
tor must be greater than 160 µH.
Figure 13. Typical MDI Circuitry with Capacitive Coupling for the ADIN1101
Figure 14. Typical MDI Circuitry with Galvanic Isolation for the ADIN1101
Figure 15. Typical MDI Circuitry with Power Coupling for the ADIN1101
Hardware Interrupt (INT)
The ADIN1101 can generate a hardware interrupt to a host control-
ler or external MAC chip using the INT pin.
PHY Status Interrupts
The following conditions can be selected to generate an interrupt:
►
MAC interface frame checker/generator interrupt
►
MAC interface buffers overflow/underflow interrupt
►
Autonegotiation status change interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com