Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 53 of 79
Table 64. Bit Descriptions for PCS_CNTRL1
Bits
Bit Name
Description
Reset
Access
15
PCS_SFT_RST
PCS Software Reset. Mirrors PMA_SFT_RST.
0x0
R/W SC
14
LB_PCS_EN
PCS Loopback Enable. When this bit is set to 1, the PCS accepts data on the transmit path and returns it
on the receive path. When this bit is set to 0, the PCS works in normal mode.
0x0
R/W
[13:12]
RESERVED
Reserved.
0x0
R
11
PCS_SFT_PD
PCS Software Power-down. Mirrors PMA_SFT_PD.
0x0
R/W
[10:0]
RESERVED
Reserved.
0x0
R
PCS Status 1 Register
Device Address: 0x03; Register Address: 0x0001, Reset: 0x0002, Name: PCS_STAT1
Table 65. Bit Descriptions for PCS_STAT1
Bits
Bit Name
Description
Reset
Access
[15:2]
RESERVED
Reserved.
0x0
R
1
PCS_SFT_PD_ABLE
PCS Software Power-Down Able. Indicates that the PCS supports software power-down.
0x1
R
0
RESERVED
Reserved.
0x0
R
PCS MMD Devices in Package 1 Register
Device Address: 0x03; Register Address: 0x0005, Reset: 0x008B, Name: PCS_DEVS_IN_PKG1
Table 66. Bit Descriptions for PCS_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
PCS_DEVS_IN_PKG1
PCS MMD Devices in Package 1. Clause 22 registers and PMA/PMD, PCS, and autonegotiation
MMDs are present.
0x8B
R
PCS MMD Devices in Package 2 Register
Device Address: 0x03; Register Address: 0x0006, Reset: 0xC000, Name: PCS_DEVS_IN_PKG2
Vendor Specific Device 1 and Vendor Specific Device 2 MMDs are present.
Table 67. Bit Descriptions for PCS_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
PCS_DEVS_IN_PKG2
PCS MMD Devices in Package 2. Vendor Specific Device 1 and Vendor Specific Device 2 MMDs
are present.
0xC000
R
PCS Status 2 Register
Device Address: 0x03; Register Address: 0x0008, Reset: 0x8000, Name: PCS_STAT2
Table 68. Bit Descriptions for PCS_STAT2
Bits
Bit Name
Description
Reset
Access
[15:14]
PCS_PRESENT
PCS Present. Indicates that the PCS is present and responding.
0x2
R
[13:0]
RESERVED
Reserved.
0x0
R
10BASE-T1L PCS Control Register
Device Address: 0x03; Register Address: 0x08E6, Reset: 0x0000, Name: B10L_PCS_CNTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com