Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 49 of 79
Table 53. Bit Descriptions for PMA_PMD_CNTRL2 (Continued)
Bits
Bit Name
Description
Reset
Access
0101101: 100GBASE_KR4_PMA_PMD.
0101110: 100GBASE_CR4_PMA_PMD.
0101111: 100GBASE_SR4_PMA_PMD.
0110000: 2_5GBASE_T_PMA.
0110001: 5GBASE_T_PMA.
0110010: 10GPASS_XR_D_PMA_PMD.
0110011: 10GPASS_XR_U_PMA_PMD.
0110100: BASE_H_PMA_PMD.
0110101: 25GBASE_LR_PMA_PMD.
0110110: 25GBASE_ER_PMA_PMD.
0110111: 25GBASE_T_PMA.
0111000: 25GBASE_CR_OR_25GBASE_CR_S_PMA_PMD.
0111001: 25GBASE_KR_OR_25GBASE_KR_S_PMA_PMD.
0111010: 25GBASE_SR_PMA_PMD.
0111101: BASE_T1_PMA_PMD.
1010011: 200GBASE_DR4_PMA_PMD.
1010100: 200GBASE_FR4_PMA_PMD.
1010101: 200GBASE_LR4_PMA_PMD.
1011001: 400GBASE_SR16_PMA_PMD.
1011010: 400GBASE_DR4_PMA_PMD.
1011011: 400GBASE_FR8_PMA_PMD.
1011100: 400GBASE_LR8_PMA_PMD.
PMA/PMD Status 2 Register
Device Address: 0x01; Register Address: 0x0008, Reset: 0x8301, Name: PMA_PMD_STAT2
Table 54. Bit Descriptions for PMA_PMD_STAT2
Bits
Bit Name
Description
Reset
Access
[15:14]
PMA_PMD_PRESENT
PMA/PMD Present. Indicates that the PMA is present and responding.
0x2
R
[13:10]
RESERVED
Reserved.
0x0
R
9
PMA_PMD_EXT_ABLE
PHY Extended Abilities Support. Indicates that the PHY supports extended abilities as
listed in PMA_PMD_EXT_ABILITY.
0x1
R
8
PMA_PMD_TX_DIS_ABLE
PMA/PMD Transmit Disable. Indicates that the PMA supports transmit disable.
0x1
R
[7:1]
RESERVED
Reserved.
0x0
R
0
LB_PMA_LOC_ABLE
PMA Local Loopback Able. Indicates that the PMA supports local loopback.
0x1
R
PMA/PMD Transmit Disable Register
Device Address: 0x01; Register Address: 0x0009, Reset: 0x0000, Name: PMA_PMD_TX_DIS
This address corresponds to the PMD transmit disable register specified in Clause 45.2.1.8 of Standard 802.3.
Table 55. Bit Descriptions for PMA_PMD_TX_DIS
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
PMA_TX_DIS
PMD Transmit Disable. When this bit is set to 1, the PMD disables output on the transmit path. Otherwise, the
PMD enables output on the transmit path.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com