Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
Data Sheet
ADIN1101
ON-CHIP DIAGNOSTICS
analog.com
Rev. A | 33 of 79
threshold. This counter is called the slicer error spike counter. The
slicer error spike counter tracks the number of received symbols
with an absolute error above 0.3125 threshold.
Figure 21 shows four signals at the input of the slicer, with errors
greater than the 0.3125 threshold. Thus, the slicer error spike
counter reports a count of four.
Notice that the threshold (0.3125) has been chosen in a way to
provide enough headroom for spikes to be detected before they can
produce bit errors.
Relevant Register Information
Table 29 shows the relevant register information. The slicer error
spike counter is stored in a 16-bit unsigned format. Therefore,
its value is the direct read value from the corresponding register.
Reading both registers clears their values and the detection re-
starts.
The slicer input maximum absolute error can be converted to
symbol units as follows:
SlicerMaxAbsError=SLCR_ERR_MAX_ABS_VAL
4096
(5)
Register Configuration
To perform register configuration, follow these steps:
1. Write a 0x2 to the SPIKE_CNTRS_CNTRL register.
2. Write a 0x2 to the MAX_ABS_VALS_CNTRL register.
3. Read the SLCR_ERR_MAX_ABS_VAL register, which corre-
sponds to the slicer maximum error.
4. Read the SLCR_ERR_SPIKE_CNT register, which corresponds
to the slicer error spike counter.
Perform Step 3 and Step 4 before any test to make sure that
the spike counter and maximum absolute errors are cleared. This
action is particularly useful while performing tests such as electro-
magnetic compliance because it is desired to isolate results in
pretest and during test.
Table 29. Registers to the Slicer Spike and Error Counters
Register Name
Device
Address
Register
Address Description
SLCR_ERR_MAX_ABS_VAL 0x01
0x8308
Slicer maximum absolute
error.
Latches the value of
SLCR_IN_MAX_ABS_VAL.
SLCR_ERR_SPIKE_CNT
0x01
0x8305
Slicer error spike counter.
Latches the value of
SLCR_IN_SPIKE_CNT.
SPIKE_CNTRS_CNTRL
0x01
0x800E
Specifies whether the spike
counters are held when
there is no link.
MAX_ABS_VALS_CNTRL
0x01
0x800F
Specifies whether the
maximum values are held
when there is no link.
The information from the registers in Table 29 can be color coded in
a simplified way to provide relevant diagnostics to the end user. A
recommended interpretation is explained in Table 30.
Table 30. Link Quality Indication Using Slicer Error Spike Counter and Slicer
Maximum Error
Link
Quality
Color
Indication
Conditions
Poor
Red
Slicer error spike counter > 0
Slicer maximum absolute error ≥ 0.5
Marginal
Yellow
Slicer error spike counter > 0
0.3125 ≤ slicer maximum absolute error < 0.5
Good
Green
Slicer error spike counter = 0
Slicer maximum absolute error < 0.3125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com