Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
Data Sheet
ADIN1101
THEORY OF OPERATION
analog.com
Rev. A | 17 of 79
►
Link status change interrupt
Those conditions can be set to enable an interrupt on the INT
pin using PHY_SUBSYS_IRQ_MASK (see the PHY Subsystem
Interrupt Mask Register section).
Following a hardware interrupt on the INT pin, the interrupt source
can be checked using PHY_SUBSYS_IRQ_STATUS (see the PHY
Subsystem Interrupt Status Register section).
Hardware Reset Interrupt
The ADIN1101 can also be configured to generate a hardware in-
terrupt after a hardware reset (RESET pin pulled low) by setting the
enable hardware reset interrupt bit (CRSM_HRD_RST_IRQ_EN)
in CRSM_IRQ_MASK (see the System Interrupt Mask Register
section).
Following a hardware interrupt on the INT pin, the interrupt
source can be checked with the CRSM_HRD_RST_IRQ_LH bit
in CRSM_IRQ_STATUS (see the System Interrupt Status Register
section).
Software Requested Interrupt
For system validation with an external host controller, the ADIN1101
can be requested to generate a hardware interrupt on the INT pin
using the CRSM_SW_IRQ_REQ bit in CRSM_IRQ_MASK (see the
System Interrupt Mask Register section).
Following a hardware interrupt on the INT pin, the interrupt
source can be checked with the CRSM_SW_IRQ_LH bit in
CRSM_IRQ_STATUS (see the System Interrupt Status Register
section).
System Error Interrupts
The ADIN1101 can also generate system errors interrupts. The
interrupt flags are located within the reserved bit sections of
CRSM_IRQ_STATUS (see the System Interrupt Status Register
section).
CRSM_IRQ_MASK (see the System Interrupt Mask Register sec-
tion) must be configured to allow system error interrupts. Refer
to Table 98 for details on the interrupts mask. The ADIN1101
must be hardware reset to recover from a system error interrupt
(CRSM_IRQ_STATUS reserved bits read as 1).
RESET OPERATIONS
Overview
The ADIN1101 supports the following chip resets:
►
Power-on reset
►
Hardware reset
►
Software reset
►
MAC interface reset
►
PHY subsystem reset
All of these resets put the ADIN1101, including the PHY core, into a
known state. Whenever the PHY core is reset, the ADIN1101 MAC
interface output pins are driven to a low state.
Power-On Reset
The ADIN1101 includes a power supply monitoring circuit to ensure
that the chip has the correct voltage supply before initiating the
power-up sequence. During power-up, the ADIN1101 is held in
hardware reset until each of the supplies has crossed its minimum
rising threshold value and the power is considered good.
Hardware Reset
A hardware reset is initiated by the power-on reset circuitry or
by asserting the RESET pin low for a minimum of 10 µs. The
ADIN1101 includes a deglitch circuitry on this pin to reject pulses
shorter than 1 µs.
When the RESET pin is deasserted, all the input/output (I/O) pins
are held in tristate mode, the hardware configuration pins are
latched, and the I/O pins are configured to their functional mode.
When all the external and internal supplies are valid and stable,
the crystal oscillator circuit is enabled. After the crystal has started
up and stabilized, the phase-locked loop (PLL) is enabled. After a
delay of 50 ms (maximum) from the deassertion of the RESET pin,
all the internal clocks are valid, the internal logic is released from
reset, and all the management interface registers are accessible
over the MDIO interface.
The CLK25_REF clock output stays low while the RESET pin is
asserted low and remains low for another 70 ms (maximum) after
the RESET pin is deasserted.
Software Reset
A full chip software reset is initiated by setting the software reset
bit (CRSM_SFT_RST). When this bit is set, the chip fully initializes,
almost equivalent to a hardware reset except that it does not go
through the voltage supply validation sequence. The I/O pins are
held in tristate mode, the hardware configuration pins are latched,
and then the I/O pins are configured to their functional mode.
The crystal oscillator circuit is enabled, and after the crystal has
started up and stabilized, the PLL is enabled. Approximately 10 ms
(maximum) after setting the CRSM_SFT_RST bit, the internal logic
is released from reset and all the management interface registers
are accessible. The system ready bit (CRSM_SYS_RDY) indicates
that the start-up sequence is complete and the system is ready for
normal operation.
The CLK25_REF clock output remains low for 25 ms (maximum)
following a software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com