Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 62 of 79
Table 91. Bit Descriptions for AN_PHY_INST_STATUS (Continued)
Bits
Bit Name
Description
Reset
Access
4
IS_AN_TX_EN
Autonegotiation Transmit Enable Status. Autonegotiation transmit enable. This bit indicates that the
autonegotiation is active and controlling the transmitter, and arbitration has not yet reached autonegotiation
good check state or the autonegotiation good state. That is, the link_control signals have not been set to
enable.
0x1
R
3
IS_CFG_MST
Leader Status. If link_control = enable (for example, B10L_LINK_CTRL_EN = 1), this indicates whether the
PHY is operating as leader (and not follower).
0x0
R
2
IS_CFG_SLV
Follower Status. If link_control = enable (for example, B10L_LINK_CTRL_EN = 1), this indicates whether the
PHY is operating as follower (and not leader).
0x0
R
1
IS_TX_LVL_HI
Transmit Level High Status. Indicates that the PHY is operating with high transmit levels (2.4 V), and not low
transmit levels (1.0 V).
0x0
R
0
IS_TX_LVL_LO
Transmit Level Low Status. Indicates that the PHY is operating with low transmit levels (1.0 V), and not low
transmit levels (2.4 V).
0x0
R
Vendor Specific MMD 1 Device Identifier High Register
Device Address: 0x1E; Register Address: 0x0002, Reset: 0x0283, Name: MMD1_DEV_ID1
This address corresponds to the Vendor Specific MMD 1 device identifier register specified in Clause 45.2.11.1 of Standard 802.3 and allows 16
bits of the organizationally unique identifier (OUI) to be observed.
Table 92. Bit Descriptions for MMD1_DEV_ID1
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD1_DEV_ID1
Organizationally Unique Identifier, Bits[3:18]
0x283
R
Vendor Specific MMD 1 Device Identifier Low Register
Device Address: 0x1E; Register Address: 0x0003, Reset: 0xBC01, Name: MMD1_DEV_ID2
This address corresponds to the Vendor Specific MMD 1 device identifier register specified in Subclause 45.2.11.1 of Standard 802.3 and
allows six bits of the OUI along with the model number and revision number to be observed.
Table 93. Bit Descriptions for MMD1_DEV_ID2
Bits
Bit Name
Description
Reset
Access
[15:10]
MMD1_DEV_ID2_OUI
Organizationally Unique Identifier, Bits[19:24]
0x2F
R
[9:4]
MMD1_MODEL_NUM
Model Number.
0x8
R
[3:0]
MMD1_REV_NUM
Revision Number.
0x1
R
Vendor Specific 1 MMD Devices in Package Register
Device Address: 0x1E; Register Address: 0x0005, Reset: 0x008B, Name: MMD1_DEVS_IN_PKG1
Clause 22 registers and PMA/PMD, PCS, and autonegotiation MMDs are present.
Table 94. Bit Descriptions for MMD1_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD1_DEVS_IN_PKG1
Vendor Specific 1 MMD Devices in Package 1. Clause 22 registers and PMA/PMD, PCS, and
autonegotiation MMDs are present.
0x8B
R
Vendor Specific 1 MMD Devices in Package Register
Device Address: 0x1E; Register Address: 0x0006, Reset: 0xC000, Name: MMD1_DEVS_IN_PKG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com