Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
Data Sheet
ADIN1101
THEORY OF OPERATION
analog.com
Rev. A | 19 of 79
Table 13. LED_0 Pin Configuration Summary (Continued)
Parameter
LED_0
Enable LED
LED0_EN bit (see the LED Control Register section)
LED Polarity
LED0_POLARITY bits (see the LED Polarity Register section)
LED Mode
LED0_MODE bit (see the LED Control Register section), default: LED Mode 1
LED Function1
LED0_FUNCTION bits (see the LED Control Register section), default: LINKUP_TXRX_ACTIVITY
LED Blink Rate
LED0_BLINK_TIME_CNTRL (see the LED 0 On/Off Blink Time Register section)
Maximum Current2
8 mA at 3.3 V
1 The 7, 8, 9, and 10 (decimal) settings in the LED0_FUNCTION bit are not available in Mode 2.
2 See Table 1 for details.
LINK STATUS PIN
Overview
The link status pin (LINK_ST/PHYAD_2) is asserted high when the
link status bit (AN_LINK_STATUS) is asserted and indicates that
the link between the ADIN1101 and its link partner is active.
The LINK_ST/PHYAD_2 pin has a weak internal pull-down resis-
tor. The pin is also used as a hardware configuration pin signal
(PHYAD_2) during power-up, hardware reset, or software reset.
Typical Use
The link status pin can be used to connect an external LED or can
be connected to a host microcontroller general-purpose input/output
(GPIO) (configured as a pulse-width modulated input or hardware
interrupt).
By default, the LINK_ST signal is active high and can be config-
ured as either active high or low using the link status polarity bit
(DGIO_LINK_ST_POLARITY). See the Pin Mux Configuration 2
Register section.
The link status pin is not intended to source current. Use the circuit
recommendation in the Transistor Controlled LED section as a
reference to interface an LED on this pin. If the link status pin is
directly connected to a host controller, it is recommended to place
a low value resistance in series between the ADIN1101 link status
pin and the host controller to avoid any potential current surge. The
resistor value must be defined based on host controller capabilities.
POWER-DOWN MODES
The ADIN1101 supports the following two power-down modes:
►
Hardware power-down
►
Software power-down
Hardware power-down achieves the lowest power consumption. In
this mode, the ADIN1101 is fully turned off and the internal registers
are not accessible.
Hardware Power-Down Mode
The hardware power-down mode can be used when no operation is
required on the ADIN1101 and the power consumption needs to be
minimized.
The device enters hardware power-down mode when the RESET
pin is asserted and held low. In this mode, all analog and digital
circuits are disabled, the clocks are gated off, and all the I/O pins
are held in tristate mode.
In this mode, the ADIN1101 power consumption is equivalent to the
internal circuit leakage. The internal registers are not accessible in
this mode.
Software Power-Down Mode
The software power-down mode can be used to configure the
ADIN1101 registers before bringing a link up. In this mode, the
analog and digital circuits are in a low power state, and the PLL
is active and can provide output clocks if configured to do so. Any
signals exposed to the MDI pins (TXP, TXN, RXP, RXN) are ignored
and any active link is dropped. The MAC interface output pins are
asserted low and internal registers are accessible using the MDIO
interface.
The device can be configured to automatically enter software
power-down mode after power-up, hardware reset, or software
reset using the SWPD_EN hardware configuration pin signal. The
ADIN1101 can also be instructed to enter software power-down
mode by setting the software power-down bit (CRSM_SFT_PD).
The software power-down status bit (CRSM_SFT_PD_RDY) indi-
cates that the device is in software power-down mode.
The ADIN1101 exits software power-down mode when the
CRSM_SFT_PD bit is cleared. After exiting software power-down
and if autonegotiation is completed, the device attempts to bring a
link up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com