Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
Data Sheet
ADIN1101
THEORY OF OPERATION
analog.com
Rev. A | 12 of 79
Only configure the MAC interface to RMII in software when the
required 50 MHz clock is available. See the MAC Interface Configu-
ration Register section for more details on RMII parameters.
Figure 11. RMII MAC PHY Interface Signals
RGMII Mode
For the receive RGMII, the ADIN1101 generates a 2.5 MHz RXC
signal to synchronize RXD_3 to RXD_0. RX_CTL is a combination
of the RX_DV and RX_ER signals (as described in Table 8) using
both edges of the RXC signal. The ADIN1101 transmits the RX_DV
signal on the positive edge of RXC and a combination (XOR
function) of RX_DV and RX_ER on the negative edge of RXC.
For the transmit RGMII, the ADIN1101 generates a 2.5 MHz refer-
ence clock on TX_CLK. The MAC transmits the TXD_3 to TXD_0
data on both edges of TXC. TX_CTL is a combination of the TX_EN
and TX_ER (as defined in the IEEE 802.3 Standard) signals using
both edges of TXC. TX_EN is transmitted on the positive edge of
TXC, and a combination (XOR function) of TX_EN and TX_ER is
transmitted on the negative edge of TXC.
Figure 12. RGMII MAC PHY Interface Signals
TRANSMIT AMPLITUDE CONFIGURATION
The ADIN1101 supports two transmit amplitude modes of opera-
tion, as follows:
►
1.0 V p-p and 2.4 V p-p mode (high level)
►
1.0 V p-p only mode
The high level transmit operating mode allows the ADIN1101 to
support both voltage levels. The operating level can then be au-
tomatically configured during autonegotiation (if enabled) based
on the link partner capabilities. Note that the high level transmit
operating mode of 2.4 V p-p requires an AVDD_H supply voltage of
3.3 V. Otherwise, if the supply voltage is less than 3.3 V, the device
may not start up correctly.
The mode of operation is configured through the TX2P4_EN hard-
ware configuration pin signal (see the Transmit Amplitude section).
The ADIN1101 also configures the default value for the transmit
level register bits used for the autonegotiation process based on the
level configured with the RX_D0/ TX2P4_EN pin (see the Transmit
Amplitude Advertisement section).
The ADIN1101 is configured in high level transmit operating mode
by default if the RX_D0/TX2P4_EN pin is left floating (internal
pull-down resistor).
LEADER/FOLLOWER CONFIGURATION
The 10BASE-T1L standard uses a leader/follower clock scheme.
This scheme is commonly used in full duplex transceiver standards
with echo cancellation. One PHY is designated as the leader, and
the other PHY as the follower. Autonegotiation is used to determine
which PHY is the leader and which is the follower. leader and
follower assignment does not generally matter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com