Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Data Sheet
ADIN1101
MDIO INTERFACE
analog.com
Rev. A | 40 of 79
RECOMMENDED REGISTER OPERATION
Many of the ADIN1101 registers are defined and compliant with
the IEEE 802.3 standard. The register behaviors defined by the
standard are not always obvious and are described in the Latch
Low Registers, IEEE Duplicated Registers, and Read Modify Write
Operation sections, including the recommended operation and use
of the registers.
Latch Low Registers
The IEEE Standard 802.3-2018 requires certain MDIO accessi-
ble registers to exhibit latch low behavior. This behavior allows
software that only intermittently reads these registers to detect
conditions that may be transitory or short lived. For example, the
AN_LINK_STATUS bit is required to latch low. When the device
exits from a reset or power-down state, the latching condition is
not active and the value of the AN_LINK_STATUS bit reflects the
current status of the link. However, if the link comes up and then
drops, the latching condition becomes active. In this case, the
AN_LINK_STATUS bit reads as 0 even if the link has come back up
again in the interim. The latching condition is only cleared after the
AN_LINK_STATUS bit is read to ensure that software has had the
opportunity to observe that the link dropped.
This latch low behavior means that the software must perform two
reads of the AN_LINK_STATUS bit back to back to determine the
current status of the link. The first read is needed to clear any active
latching condition.
It is important that the software take account of the interaction
between MDIO accessible bits that share a register address.
For example, the AN_PAGE_RX and AN_LINK_STATUS bits re-
side at the same register address. As a result, reading the
AN_PAGE_RX bit clears any active latching condition associated
with the AN_LINK_STATUS bit.
IEEE Duplicated Registers
IEEE Standard 802.3-2018 covers a wide range of definitions and
speeds from 10 Mbps to 40 Gbps and higher, and includes an
extensive number of clauses. Many of the registers defined by this
standard are associated with various clauses, and different PHYs
may include different clauses and/or combinations of clauses. Thus,
the registers for common functions like software reset, software
power-down, and loopback tend to be implemented in multiple
clauses.
In the ADIN1101, the physical implementation of these registers is
in a single location, but they can be accessed at multiple address-
es. For example, the software reset bit can be read or written in
all the IEEE MMD locations and vendor specific register locations
listed in Table 40.
Table 40. Software Reset Bit Access in IEEE MMD Locations
Register Name
Device
Address
Register
Address Bit Name
Bit
PMA/PMD Control 1
(IEEE 802.3)
0x01
0x0000
Reset
(IEEE 802.3)
15
10BASE-T1L PMA Control
(IEEE 802.3.cg)
0x01
0x08F6
PMA reset
(IEEE 802.3.cg)
15
PCS Control 1
(IEEE 802.3)
0x03
0x0000
Reset
(IEEE 802.3)
15
10BASE-T1L PCS Control
(IEEE 802.3.cg)
0x03
0x08E6
PCS reset
(IEEE 802.3.cg)
15
Software Reset
(ADIN1101)
0x1E
0x8810
CRSM_SFT_RST
(ADIN1101)
0
In this example, these locations are the PMA/PMD, PCS, autonego-
tiation, and Vendor Specific 1 device address locations (per Table
37).
The ADIN1101 has multiple address locations for the same register
to match the IEEE standard.
The ADIN1101 data sheet only mentions a single recommended
address location for each of these IEEE registers to simplify the
operation and use of the device. In general, the registers introduced
in the 802.3cg (10BASE-T1L) section of the standard are recom-
mended over older (equivalent) registers. Registers in a vendor
specific address are recommended, in particular where a register
brings a number of useful IEEE register bits into a single register
address. The ADIN1101 correctly responds to register accesses to
all the IEEE register address locations covered by the 10BASE-T1L
standard when the start-up sequence is complete after power-up,
hardware reset, or software reset.
Read Modify Write Operation
It is strongly recommended that all register write operations be per-
formed as read modify write, especially when modifying individual
register bits. If this is not followed, the value of register bits can be
inadvertently changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com