Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
Data Sheet
ADIN1101
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 7 of 79
Figure 4. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic1
PU/PD2
Description
Clock Interface
6
CLK25_REF
N/A
Analog Reference Clock Output. The 25 MHz reference clock from the crystal
oscillator is available on the CLK25_REF pin. This pin can be used as an
input to another PHY. The 25 MHz clock output is briefly disabled (logic low)
following a software reset (25 ms) or a hardware reset (70 ms). See the Reset
Operations section for more details.
7
XTAL_I/CLK_IN
N/A
Input for Crystal (XTAL_I).
Single-Ended 25 MHz Reference Clock or 50 MHz Clock Input for RMII
(CLK_IN).
8
XTAL_O
N/A
Crystal Output. If using a single-ended reference clock on XTAL_I/CLK_IN,
leave XTAL_O open circuit. See the External 25 MHz Clock Input for MII and
RGMII Modes section.
Management Interface
18
INT
PU
Management Interface Interrupt Pin Output. Open-drain, active low output. A
low on INT indicates an unmasked management interrupt. This pin requires a
1.5 kΩ pull-up resistor to VDDIO.
19
MDIO
PU
Management Data Input/Output Synchronous to the MDC Clock. This pin is
open-drain and requires a 1.5 kΩ pull-up resistor to VDDIO.
20
MDC
PD
Management Data Clock Input up to 2.5 MHz.
Reset
5
RESET
PU
Hardware Reset, Active Low Input. Hold low for >10 μs to reset the device.
This pin can be left floating if a hardware reset is not required. See the
Hardware Reset section.
Media Dependent Interface (MDI)
11
TXN
N/A
ADIN1101: Transmit/Receive Negative Pin
12
TXP
N/A
ADIN1101: Transmit/Receive Positive Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com