Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1101BCPZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADIN1101BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1101BCPZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADIN1101BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1101BCPZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
Data Sheet
ADIN1101
REGISTER SUMMARY
analog.com
Rev. A | 69 of 79
Table 112. Bit Descriptions for LED_CNTRL (Continued)
Bits
Bit Name
Description
Reset
Access
26: CLK25_REF.
27: TX_TCLK.
28: CLK_120MHZ.
LED Polarity Register
Device Address: 0x1E; Register Address: 0x8C83, Reset: 0x0000, Name: LED_POLARITY
Allows the LED polarity to be auto sensed by the internal logic or allows reconfiguration by the user.
Table 113. Bit Descriptions for LED_POLARITY
Bits
Bit Name
Description
Reset
Access
[15:2]
RESERVED
Reserved.
0x0
R
[1:0]
LED0_POLARITY
LED_0 Polarity.
0x0
R/W
0: LED autosense. LED active high or low as per autosense.
1: LED active high.
2: LED active low.
Vendor Specific MMD 2 Device Identifier High Register
Device Address: 0x1F; Register Address: 0x0002, Reset: 0x0283, Name: MMD2_DEV_ID1
Table 114. Bit Descriptions for MMD2_DEV_ID1
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD2_DEV_ID1
Vendor Specific 2 MMD Device Identifier.
0x283
R
Vendor Specific MMD 2 Device Identifier Low Register
Device Address: 0x1F; Register Address: 0x0003, Reset: 0xBC01, Name: MMD2_DEV_ID2
Table 115. Bit Descriptions for MMD2_DEV_ID2
Bits
Bit Name
Description
Reset
Access
[15:10]
MMD2_DEV_ID2_OUI
OUI Bits.
0x2F
R
[9:4]
MMD2_MODEL_NUM
Model Number.
0x8
R
[3:0]
MMD2_REV_NUM
Revision Number.
0x1
R
Vendor Specific 2 MMD Devices in Package Register
Device Address: 0x1F; Register Address: 0x0005, Reset: 0x008B, Name: MMD2_DEVS_IN_PKG1
Clause 22 registers and PMA/PMD, PCS, and autonegotiation MMDs are present.
Table 116. Bit Descriptions for MMD2_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
MMD2_DEVS_IN_PKG1
Vendor Specific 2 MMD Devices in Package 1. Clause 22 registers and PMA/PMD, PCS, and
autonegotiation MMDs are present.
0x8B
R
Vendor Specific 2 MMD Devices in Package Register
Device Address: 0x1F; Register Address: 0x0006, Reset: 0xC000, Name: MMD2_DEVS_IN_PKG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com