Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics L9300 Datasheet HTML 50Page - STMicroelectronics L9300 Datasheet HTML 51Page - STMicroelectronics L9300 Datasheet HTML 52Page - STMicroelectronics L9300 Datasheet HTML 53Page - STMicroelectronics L9300 Datasheet HTML 54Page - STMicroelectronics L9300 Datasheet HTML 55Page - STMicroelectronics L9300 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 178 page
background image
One particular condition is implemented in case number of dither step is set to 0: a single positive and negative
pulse is generated with amplitude provided by amplitude parameter.
Through a dedicated bit in the CONFIGURATION register it is possible to enable dither synchronization feature:
once this bit is set the dither waveform is changed to start the new dither step synchronously to solenoid PWM
signal. Synchronization can be implemented in two ways depending on the settings of SYNC_TYPE bit in
CONFIGURATION register: if the SYNC_TYPE is set to 0 the dither step synchronization is done at each change
in the step value itself otherwise the synchronization is performed at the start of each dither period.
In case of dither step synchronization at each dither step is selected (SYNC_TYPE = 0) the dither step duration is
increased with respect to the programmed value to include an integer number of PWM periods; the exact formula
is given by:
Tstep_sync = ceil (((1 + (M+1)*2N)*tref_dth)/Tpwm)*Tpwm
The resulting dither period is 4 times the programmed Dither current step number bits of DITHPGM register
multiplied by T_step_sync.
Dither Period = 4 * Nstep * Tstep_sync
In case of dither period synchronization at each dither period is selected (SYNC_TYPE = 1) only the first dither
step duration is increased with respect to the programmed value in order to have a resulting dither period
including an integer number of PWM periods; the Tstep_duration formula is unchanged with respect to the
condition of synchronization disabled, while the resulting dither period is given by:
Dither Period = ceil (4*Nstep*Tstep/TPWM)*TPWM
Where Nstep is the programmed Dither current step number in DITHPGM register.
Figure 29. Dither functionality
GADG1807171117PS
HW Current Control Loop Configuration
When HW current feedback mode is selected, the solenoid current is controlled through a PI algorithm. In order to
tune the transient response and settling time of the loop that may vary changing the load configuration, a sub set
of control loop parameters are available through SPI registers.
For both variable and fixed frequency control the following parameters can be changed.
•
KI Integral portion of the loopgain:
–
In variable frequency mode it is based on the formula KI = 2-(N+3)
–
In fixed frequency mode it is based on the formula KI = 2-(N+5)
where N is the decimal value stored in the 3 bits of the KGAINS register.
L9300
Valve drivers
DS12258 - Rev 5
page 52/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com