Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics L9300 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 178 page
background image
Figure 16. WS compatibility
GADG1307171134PS
Three level current
WSx pin
WSx pin
WSx pin
(VDA compliant sensor
with Manchester encoded
information)
Data and diagnostic by SPI: Three level sensors have eight data bits and a parity bit which are written into the register upon
receiving. At higher speeds not all bits can be transmitted The data register for each wheel contains the number of data bits
received between two speed pulses
Two level current
(Standard compliant sensor
with only speed information)
Two level current PWM
(One pulse per tooth with data
encoded in pulse width)
Two level current PWM
(Two pulse per tooth with
data and diagnostic encoded
in pulse width)
Data by WSx pin (Pass-through mode)
Data by WSx pin and duty cycle info by SPI
(Normal mode)
(Pass-through mode)
WSx pin
Data by WSx pin and duty cycle info by SPI
(Normal mode)
(Pass-through mode)
db0
45 µs -> right rotation
45 µs
45 µs
45 µs
n x 45 µs
90 µs
90 µs
90 µs -> left rotation
28 mA
ITH2
ITHopen
ITH1
ITH1
14 mA
14 mA
7 mA
7 mA
ITH1
14 mA
7 mA
ITH1
14 mA
7 mA
high high low high low high high high high
db1 db2 db3 db4 db5 db6 db7
p
L9300
Power supply
DS12258 - Rev 5
page 32/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com