Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 71Page - STMicroelectronics L9300 Datasheet HTML 72Page - STMicroelectronics L9300 Datasheet HTML 73Page - STMicroelectronics L9300 Datasheet HTML 74Page - STMicroelectronics L9300 Datasheet HTML 75Page - STMicroelectronics L9300 Datasheet HTML 76Page - STMicroelectronics L9300 Datasheet HTML 77Page - STMicroelectronics L9300 Datasheet HTML 78Page - STMicroelectronics L9300 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 178 page
background image
13
PRUN watchdog
13.1
PRUN watchdog functional description
The device integrates a window watchdog monitoring the status of PRN input signal to check micro controller
activity; when the microcontroller is able to provide at PRN input pin a square wave in range of certain frequency,
the watchdog fault is not triggered and RES1 signal stays high by external pull-up resistance. The WDT logic
detects the only rising edge of PRN signal in PRN pin.
Figure 43. PRUN WD block diagram
GADG0308171804PS
Figure 44. PRUN WD initialization
Toff
PRN
RES1
RES2
VDD3
WD_DIS (stay low)
Detecting only rising edge of PRN signal
staying high or low level
Switch RES1 low in the condition of PRN
Ton_RES1
VSTN
Ton_RES2
VSTN
VDD3_UV
VSTN
VDD3_UV
VSTN
VSTN
VSTN
Thold_RES2
VDD3_UV_ft
TRL
TRH
GADG0308171837PS
L9300
PRUN watchdog
DS12258 - Rev 5
page 75/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com