Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 58Page - STMicroelectronics L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
Ireg_res
Current regulation resolution
HILOAD_x = 0
0.733
mA
LOADx
Ireg_res
Current regulation resolution
HILOAD_x = 1
0.977
mA
LOADx
Ireg_range
Current regulation range
HILOAD_x = 1
0
2
A
LOADx
Ipeak_range
Peak Current regulation range
HILOAD_x = 1
0
3
A
LOADx
Ireg_acc_L
Current regulation accuracy
HILOAD_x = 1, 0 A ≤ Ireg ≤ 0.075 A(4)
-20
+15
mA
LOADx
Ireg_acc_L
Current regulation accuracy
HILOAD_x = 1, 0.075 A < Ireg ≤ 0.3 A(4)
-15
+12
%
LOADx
Ireg_acc_L
Current regulation accuracy
HILOAD_x = 1, 0.3 A < Ireg ≤ 0.5 A(4)
-5
+4
%
LOADx
Ireg_acc
Current regulation accuracy
HILOAD_x = 1, 0.5 A < Ireg ≤ 2 A(4)
-4
+4
%
LOADx
Ireg_res
Current regulation resolution
HILOAD_x = 1
1
LSB LOADx
Dth_ampl
Dither Tstep amplitude
HILOAD_x = 0
0
93
mA
LOADx
Dth_ampl
Dither Tstep amplitude
HILOAD_x = 1
0
124
mA
LOADx
Dth_res
Dither Tstep resolution
HILOAD_x = 0
0.733
mA
LOADx
Dth_res
Dither Tstep resolution
HILOAD_x = 1
0.977
mA
LOADx
Dth_num
Dither Tstep number
Guaranteed by scan
0
31
step LOADx
Dth_dur
Dither Tstep duration
Guaranteed by scan
65.5
ms
LOADx
On State Diagnostic
I_HS_ovc0
HS overcurrent
OVC_thres_x=0
-5
-4
-3
A
LOADx
I_HS_ovc1
HS overcurrent
OVC_thres_x=1, 25 °C ≤ Tj ≤ 175 °C
-6.5
-4.5
A
LOADx
OVC_thres_x=1, -40 °C ≤ Tj ≤ 25 °C
-7
-4.5
A
LOADx
I_LS_ovc0
LS overcurrent
OVC_thres_x=0
3
4
5
A
LOADx
I_LS_ovc1
LS overcurrent
OVC_thres_x=1, 25 °C ≤ Tj ≤ 175 °C
4.5
6.5
A
LOADx
OVC_thres_x=1, -40 °C ≤ Tj ≤ 25 °C
4.5
7
A
LOADx
I_HS_ocv_flt
HS overcurrent filter time
Guaranteed by scan
3
5
µs
LOADx
I_LS_ocv_flt
LS overcurrent filter time
Guaranteed by scan
3
5
µs
LOADx
T_WARN
Temperature warning
175
185
°C
LOADx
T_SD
Temperature shut down
185
200
°C
LOADx
T_SD_hy
Temperature shut down
hysteresis
5
10
°C
LOADx
T_SD_deglitch
Digital deglitch filter time
Guaranteed by scan
7.5
10
12.5
µs
LOADx
Vclamp
LOADx clamp voltage
VBATP < 27 V
32
35
38
V
LOADx
Vclamp_dly
LOADx clamp activation detection
delay
Design info, not tested
0.5
2
µs
LOADx
Vclamp_flt
LOADx clamp detection filter time
Guaranteed by scan
2.5
5
7.5
µs
LOADx
Eclamp
Energy clamp single pulse
Iload=2 A, Tj=100 °C
25
mJ
LOADx
Eclamp
Energy clamp single pulse
Iload=2 A, Tj=175 °C
18
mJ
LOADx
Off State Diagnostic – LS Configuration
VTGND
Short to GND threshold voltage
LS mode, driver tristate, diagnostic on
1.9
2.1
2.3
V
LOADx
VTOPEN
Open load threshold voltage
LS mode, driver tristate, diagnostic on
2.7
2.9
3.1
V
LOADx
VOUTOPEN
Open load voltage
LS mode, driver tristate, diagnostic on
2.3
2.5
2.7
V
LOADx
I_LS_THOPEN Open load threshold current
30
60
90
µA
LOADx
I_LS_PD
Diagnostic pull down current
40
70
120
µA
LOADx
L9300
Valve drivers
DS12258 - Rev 5
page 62/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com