Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 93Page - STMicroelectronics L9300 Datasheet HTML 94Page - STMicroelectronics L9300 Datasheet HTML 95Page - STMicroelectronics L9300 Datasheet HTML 96Page - STMicroelectronics L9300 Datasheet HTML 97Page - STMicroelectronics L9300 Datasheet HTML 98Page - STMicroelectronics L9300 Datasheet HTML 99Page - STMicroelectronics L9300 Datasheet HTML 100Page - STMicroelectronics L9300 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 178 page
background image
16.1.1
SPI protocol
The SPI protocol is defined by frames of 32 bit with 3 bit of CRC (Cyclic Redundancy Check) both input and
output directions. SDI frame includes 7 bit address and 20 bit data, SDO frame includes channel exception field
for diagnostic status immediate capture. SPI implements In-Frame protocol for data out management.
16.1.2
CRC field
UAL3 SPI frame (upstream/downstream) include a 3 bit CRC field. CRC field is evaluated/checked by using 3°
degree poly G3(x) = x3+x+1. In case CRC error is detected the fault is output in the following SPI frame, if the
CRC fault is flagged it means the previous frame is considered invalid and no write operation or clear operation is
performed.
16.1.3
Channel exception field details
SDO frame has 6 bits reserved for solenoid channel exceptions, each bit is dedicated to the corresponding
channel and it is the OR of all the recorded exceptions.
In this way, it is always possible to detect a failure happening on each solenoid channel during every SPI
communication; details and clearing of the channel exception can be retrieved reading the dedicated SPI
registers. In case a fault happens during reading operation of its own fault register it is not latched, however if the
fault is permanent it is latched as soon as the reading operation has ended.
16.2
SPI electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 3.1 V < VDDIO < 5.2 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer to
GND pin.
Table 55. SPI electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
DC Parameters
VDDIO
SPI Dedicated Power Supply Application note
3.0
5.5
V
VDDIO
VIL
Logic Input Low Voltage
-
0.75
V
SCLK
VIH
Logic Input High Voltage
1.75
-
V
SCLK
Vhysteresis Input hysteresis Voltage
0.1
1
V
SCLK
SCLKPD SCLK pull-down
SCLK = 5V
10
50
100
µA
SCLK
VIL
Logic Input Low Voltage
-
0.75
V
SDI
VIH
Logic Input High Voltage
1.75
-
V
SDI
Vhysteresis Input hysteresis Voltage
0.1
1
V
SDI
SDIPD
SDI pull-down
SDI = 5V
10
50
100
µA
SDI
VIL
Logic Input Low Voltage
-
0.75
V
CS
VIH
Logic Input High Voltage
1.75
-
V
CS
Vhysteresis Input hysteresis Voltage
0.1
1
V
CS
CSPU
CS pull-up to internal logic
supply
CS = 0V
10
30
60
µA
CS
VOL
Logic Output Low Voltage
Isource = 1mA
0.4
V
SDO
VOH
Logic Output High Voltage
Isink = 1mA
VDDIO-0.4
V
SDO
Ileak
Tristate leakage current
CS high 0<SDO<VDDIO
-0.5
0.5
µA
SDO
AC Parameters
fop
Transfer Frequency
Design Information
6
MHz
SCLK
tsclk
SCLK Period (2)
Design Information
167
ns
SCLK
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 97/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com