Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics L9300 Datasheet HTML 68Page - STMicroelectronics L9300 Datasheet HTML 69Page - STMicroelectronics L9300 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 178 page
background image
Figure 39. Pump PWM programming
T0 = 62.5 ns
Prescaler
Tref = T0 * (PUMP_PWM_PERIOD +1)
PUMP_PWM_PERIOD
PUMP_PWM_Duty_Cycle
PWM Period = 100 * Tref
PWM duty cycle = PUMP_PWM_Duty_Cycle 100/128
PWMsynthesis
GADG0308171556PS
The PUMP_PWM_PERIOD register can be programmed from 8 to 255, with the following relation:
•
If PUMP_PWM_PERIOD < 8 → Tref = 9 * T0
•
If PUMP_PWM_PERIOD ≥ 8 → Tref = (PUMP_TCK_PGM + 1) * T0
The table below shows the PUMP_T_PWM relation.
Table 40. Pump PWM frequency decoding
PUMP_PWM_PERIOD
PWM Period [µs]
PWM Frequency [kHz]
0
56,25
17,777
1
56,25
17,777
…
…
…
7
56,25
17,777
8
56,25
17,777
9
62,50
16,000
10
68,75
14,545
…
…
…
255
1600,00
0,625
The PUMP_PWM_Duty_Cycle register can be programmed from 0 to 255, with the following relation:
•
If PUMP_PWM_DUTY_CYCLE < 128 → PWM duty cycle = PUMP_PWM_DUTY_CYCLE * 100/128 [%]
•
If PUMP_PWM_DUTY_CYCLE ≥ 128 → PWM duty cycle = 100 [%]
The following table explains the duty cycle programming.
Table 41. Pump PWM duty cycle decoding
PUMP_PWM_Duty_Cycle
Duty cycle
0
0,000 %
1
0,781 %
2
1,562 %
…
…
20
15,625 %
…
…
60
46,875 %
L9300
Valve drivers
DS12258 - Rev 5
page 66/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com