Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 19Page - STMicroelectronics L9300 Datasheet HTML 20Page - STMicroelectronics L9300 Datasheet HTML 21Page - STMicroelectronics L9300 Datasheet HTML 22Page - STMicroelectronics L9300 Datasheet HTML 23Page - STMicroelectronics L9300 Datasheet HTML 24Page - STMicroelectronics L9300 Datasheet HTML 25Page - STMicroelectronics L9300 Datasheet HTML 26Page - STMicroelectronics L9300 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Configuration Input
VIL
Logic Input Low
Voltage
-
0.75
V
VDD2_SEL
VIH
Logic Input High
Voltage
1.75
-
V
VDD2_SEL
Vhysteresis
Input hysteresis
Voltage
0.1
1
V
VDD2_SEL
VDD2_SELPD
VDD2_SEL pull
down
VDD2_SEL = 5 V
10
50
130
µA
VDD2_SEL
Tracking configuration 3.3 V ≤ VDD2_SEL ≤ 5 V
VDD2_Vout
Regulated output
voltage
VDD2_SUP ≥ 6 V, 10 mA ≤ IVDD2 ≤
200 mA
VDD2_SEL
-20 mV
VDD2_SEL
VDD2_SEL
+20 mV
V
VDD2
VDD2_error
Matching error
VDD2_SEL – VDD2, VDD2_SUP ≥ 6 V,
10 mA ≤ IVDD2 ≤ 200 mA
-20 m
+20 m
V
VDD2
VDD2_line
Line regulation
VDD2_SUP 6 V to 19 V, IVDD2 = 10 mA,
200 mA
-10
+10
mV
VDD2
VDD2_load
Load regulation
IVDD2 = 10 mA to 200 mA, VDD2_SUP
6 V to 19 V
-10
+10
mV
VDD2
VDD2_Vout_tr1
Transient output
voltage 1
VBATP = 13 V, IVDD2 = 10 mA to 200 mA
dI/dt = 200 mA/µs, CVDD2 = 2.2 µF,
Guaranteed by design
-5
+5
%
VDD2
VDD2_Vout_tr2
Transient output
voltage 2
VDD2_SUP step 12 V to 18 V; 18 V to
12 V dVDD2_SUP/dt = 3 V/ µs, IVDD2 =
10 mA, 200 mA, CVDD2 = 2.2 µF,
Guaranteed by design
-5
+5
%
VDD2
VDD2_RdsON RdsON
Tj =150 °C, VDD2_SUP = VDD2_SEL,
IVDD2 = 200 mA
3.6
Ω
VDD2
VDD2_RdsON RdsON
Tj = 175 °C, VDD2_SUP = VDD2_SEL,
IVDD2 = 200 mA, Guaranteed by design
4
Ω
VDD2
VDD2_PSSR
PSSR
VDD2_SUP = 6.5 V, IVDD2 = 200 mA,
Vnoise = 1 Vpp, fnoise = 465 kHz, CVDD2
= 2.2 µF Guaranteed by design
20
dB
VDD2
VDD2_cur lim
Current limitation
VDD2 = -2 V
250
390
mA
VDD2
VDD2_rev cur
Reverse current in
off condition
VDD2 = VDD2_SUP + 2 V, VDD2
disabled
0.2
2
mA
VDD2
VDD2_rev cur
Reverse current in
on condition
VDD2 = VDD2_SUP + 2 V, VDD2
enabled
0.2
2
mA
VDD2
VDD2_ovs_a
Overshoot at power
on
IVDD2 = 10 mA, CVDD2 = 2.2 µF
5.5
V
VDD2
VDD2_ovs_b
Overshoot at
VBATP step
VBATP step from 5.5 to 13 V during
10 µS, considering 1 µH wiring harness,
IVDD2 = 200 mA, CVDD2 = 2.2 µF,
Guaranteed by design
5.7
V
VDD2
VDD2_off
Off state voltage
1
V
VDD2
VDD2_soft
Slope control
VDD2_SUP=VBATP = 13 V IVDD2 =
10 mA, CVDD2 = 2.2 µF
5
30
V/ms
VDD2
Linear configuration VDD2_SEL=0 V
VDD2_Vout
Regulated output
voltage
VDD2_SUP ≥ 6 V, 10 mA ≤ IVDD2 ≤
200 mA
4.9
5
5.1
V
VDD2
L9300
Power supply
DS12258 - Rev 5
page 23/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com