Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 91 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 87Page - STMicroelectronics L9300 Datasheet HTML 88Page - STMicroelectronics L9300 Datasheet HTML 89Page - STMicroelectronics L9300 Datasheet HTML 90Page - STMicroelectronics L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics L9300 Datasheet HTML 93Page - STMicroelectronics L9300 Datasheet HTML 94Page - STMicroelectronics L9300 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 178 page
background image
Normal pattern wakeup
Normal pattern wakeup can occur when CAN pattern wakeup option is enabled and the CAN transceiver was set
in standby mode while CAN bus was in recessive (high) state or dominant (low) state. In order to wake up the
device, the following criteria must be fulfilled:
•
The CAN interface wakeup receiver must receive a series of two consecutive valid dominant pulses, each
of which must be longer than 2 µs
•
The distance between 2 pulses must be longer than 2 µs.
•
The two pulses must occur within a time frame of 1.0 ms
Wake up from short to GND condition
Even if CAN pattern wake up option is enabled, but the CAN transceiver was set in standby mode after a qualified
permanent dominant state, recessive level at CAN switches the device to active mode.
No pattern wakeup
If the CAN pattern wakeup option is disabled, any transition either dominant (low) state to recessive (high) state or
recessive (high) state to dominant (low) state switch the device to active mode (after a filtering time of tWUF).
Note:
A wakeup caused by a message on the bus starts the voltage regulator and the microcontroller switches the
application back to normal operation mode.
Figure 60. CAN wake up capabilities
No pattern Wake up
Pattern Wake up
ACTIVE
STANDBY
ACTIVE
CANRX
STATE
Standard CAN pattern wakeup
ACTIVE
STANDBY
ACTIVE
CANRX
STATE
CAN pattern wake up with dominant before Standby
ACTIVE
STANDBY
ACTIVE
CANRX
STATE
CAN pattern wake up with permanent dominant
ACTIVE
STANDBY
ACTIVE
CANRX
STATE
Standard wakeup
ACTIVE
STANDBY
ACTIVE
CANRX
STATE
dominant filter time
CAN wake up with permanent dominant
ACTIVE
STANDBY
ACTIVE
CANRX
STATE
CAN wake up with dominant before Standby
RXDL
(Interupt)
RXDL
RXDL
RXDL
RXDL
RXDL
> 2 µs
< 1ms
> 2 µs
> 2 µs
56 µs
> 2 µs
< 1ms
> 2 µs
> 2 µ s
56 µs
56 µs
> 4 µs
> permanent
> 2 µs
56 µs
56µs
(Interupt)
(Interupt)
(Interupt)
> 4 µs
> 2 µs
> permanent dominant filter time
56 µs
(Interupt)
(Interupt)
GADG0708170943PS
15.1.3
CAN Sleep Mode
During active mode it is possible to deactivate the CAN transceiver with a dedicated SPI command. The CAN
transceiver remains deactivated until it is activated again. With a deactivated CAN the receiver input termination
network is disconnected from the bus and the CANH, CANL bus lines are driven to GND.
L9300
CAN Interface
DS12258 - Rev 5
page 91/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com