Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 14Page - STMicroelectronics L9300 Datasheet HTML 15Page - STMicroelectronics L9300 Datasheet HTML 16Page - STMicroelectronics L9300 Datasheet HTML 17Page - STMicroelectronics L9300 Datasheet HTML 18Page - STMicroelectronics L9300 Datasheet HTML 19Page - STMicroelectronics L9300 Datasheet HTML 20Page - STMicroelectronics L9300 Datasheet HTML 21Page - STMicroelectronics L9300 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 178 page
background image
7.6
Power up/down electrical characteristics
5.5V ≤ VBATP ≤ 19V; -40°C ≤ Tj ≤ 175°C unless otherwise noticed. All voltages referred to GND pin.
Table 5. Power up/down electrical characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
Current Consumption
VBATP_stby_cur
VBATP stby current consumption
WAKE=0V, VBATP, PD1D,
VDD4_SH, VDD4_SL, VDD2_SUP,
VSx=13V CONFIG=0V Tambient
<= 70°C
5
45
µA
VBATP
VBATP_stby_cur
VBATP stby current consumption
WAKE=0V, VBATP, PD1D,
VDD4_SH, VDD4_SL, VDD2_SUP,
VSx=13V, CONFIG=13V
20
90
µA
VBATP
VBATP_cur
VBATP ON current cunsumption
VBATP = 13V, WAKE=HIGH
20
30
75
mA
VBATP
Wake Up
WAKE_high_th
WAKE high threshold
2.7
3.5
V
WAKE
WAKE_low_th
WAKE low threshold
2
2.7
V
WAKE
WAKE_hys
WAKE hysteresis
0.5
V
WAKE
WAKE_pd
WAKE pull down
WAKE < WAKE_high_th
0.4
2
MΩ
WAKE
CONFIG_low
Low current mode
0.75
V
CONFIG
CONFIG_high
Full functionality mode
1.75
V
CONFIG
VDD_st_en
Supply start enable
4.3
4.5
4.7
V
VDD1
VDD_st_en_deglitch Digital filter time
Guaranteed by scan
7.5
10 12.5
µs
VDD1
Tmask_VDD2_SEL
Masking of VDD2 enable signal (after
VDD3/4_uv release)
Guaranteed by scan
150 200 250
µs
VDD2_SEL
Tdelay_VDD2
Analog delay on soft start ramp
100
700
µs
VDD2
Tmask_TRK_SEL
Masking of TRKn enable signal (after
VDD3/4_uv release)
Guaranteed by scan
150 200 250
µs
TRK_SEL
Tdelay_TRKn
Analog delay on soft start ramp
100
700
µs
TRKn
WK_FLT_up
Wake up deglitch
Guaranteed by scan
7.5
10 12.5
µs
WAKE
WK_FLT_down
Wake up deglitch
Guaranteed by scan
7.5
10 12.5
µs
WAKE
WAKE_tmin
Wake high minimum time to power-on
internal logic
Design info, guaranteed by design
150
µs
WAKE
Keep On
KA_period
Keep-alive period
Guaranteed by scan
180 200 220
ms
WAKE
VDD3_dly
Delay VDD3 from VDD4 at power up
Guaranteed by scan
0.8
1
1.2
ms
VDD3/4
Power Down
VDD4_dly
Delay VDD4 from VDD3 at power down
Guaranteed by scan
23
35
µs
VDD3/4
L9300
Power up and power down
DS12258 - Rev 5
page 18/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com