Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 52Page - STMicroelectronics L9300 Datasheet HTML 53Page - STMicroelectronics L9300 Datasheet HTML 54Page - STMicroelectronics L9300 Datasheet HTML 55Page - STMicroelectronics L9300 Datasheet HTML 56Page - STMicroelectronics L9300 Datasheet HTML 57Page - STMicroelectronics L9300 Datasheet HTML 58Page - STMicroelectronics L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 178 page
background image
INSTCUR is the instantaneous current in the solenoid valve as it is read by the PI control loop input after offset
compensation and calibration; the data is stored in the INSTCURR register with 12 bit signed (2’s complement)
format where the LSB is the ADC full scale (peak current regulation value, 2.25 A or 3 A depending on HILOAD bit
settings) divided by 2047. This data can be used for example in SW mode to verify solenoid current flow
depending on PWM level on INx inputs.
Table 33. Instantaneous current configuration
INSTCURR
Load target current HILOAD = 0
[bit resolution = 2250/2047 = 1.099 mA]
Load target current HILOAD = 1
[bit resolution = 3000/2047 = 1.465 mA]
0
0 [mA]
0 [mA]
± 1
± 1 * 1,099 [mA]
± 1 * 1,465 [mA]
± 2
± 2 * 1,099 [mA]
± 2 * 1,465 [mA]
…
…
…
± 2046
± 2046 1,099 [mA]
± 2046 * 1,465 [mA]
± 2047
± 2250 [mA]
± 3000 [mA]
The current sense amplifier input offset is cancelled through the choppering function; the following chopper
parameters can be set through Frequency Control Register:
•
Chopper time sets the toggling time of the chopper function (chopper period is twice this value)
–
If TOFSCHOP = 0 → Offset Toggling Chopper Time = 26 * 125ns
–
If TOFSCHOP = 1 → Offset Toggling Chopper Time = 27 * 125ns
•
Offset Integrator time: sets the integrator time constant used to estimate the recovered high–side/low–side
offsets of current sense circuit. The estimated offset values are available on read in the CSA Offset
Compensation SPI register: the values are stored in the register using 9 bit signed (2’s complement) for
both HS and LS where the LSB weight is
–
Case 1.5 A full scale: 1.5 A * 1.5/213 = 275 µA/LSB
–
Case 2 A full scale: 2 A * 1.5/213 = 367 µA/LSB
–
If TOFSINT = 0 → Offset IntegratorTime = 214 * 125 ns
–
If TOFSINT = 1 → Offset IntegratorTime = 215 * 125 ns
•
Offset Filter time sets the cut off frequency of the hi-pass filter used to extract offset choppered signal
superimposed on the output current.
–
Offset Filter Time = 2N+3 * 125 ns where N is the decimal value stored in the 3 bits.
10.1.1.4
Solenoid PWM period feedback
The driver PWM period, generated by internal logic, is internally measured at each PWM rising edge and provided
to the MCU for comparison with the programmed one in the PWMSENSE SPI register. The PWM period is
provided over 18 bits in order to feedback also periods exceeding TMOUT values; the period value is equal to
N*Tref_PWM where N is the value in the PWMSENSE register and Tref_PWM is 125 ns.
Table 34. Solenoid PWM period feedback
PWM_SENSE
Period when in Fixed Frequency
0
0 [s]
1
1 * 125 [ns]
2
2 * 125 [ns]
…
…
133333
133333 * 125 [ns]
133334
133334 * 125 [ns]
…
…
L9300
Valve drivers
DS12258 - Rev 5
page 56/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com