Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics L9300 Datasheet HTML 36Page - STMicroelectronics L9300 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 178 page
background image
For all sensors, other than the standard active 2-level sensor, additional sensor data (diagnostics, etc.) are
decoded and available within the Remote Sensor Data Registers (WSIRSDR0, WSIRSDR1, WSIRSDR2, and
WSIRSDR3). Only for 2nd level PWM encoded sensors the user may choose to have all data processed through
the microcontroller by selecting pass through mode, WSIPTEN, within the Remote Sensor Configuration Register
(WSIRSCR). In pass-through mode, the remote sensor interface simply conditions the incoming sensor current
pulses to digital pulses, no decoding is performed. When STD sensor is selected, the IC automatically forces the
pass-through mode.
The sensor input filter time, deglitch filter, (delay until a threshold crossing is detected) can be configured in 15
steps. Filters can be selected individually for each channel, through the Remote Sensor Configuration Register,
WSFILT bits.
For PWM encoded sensors with two edges per tooth not in pass-through mode, the standstill signal can be
processed directly to the DOUTx output pins. This is done in the Remote Sensor Configuration Register, SSDIS
bit. Since the decoder has to measure the pulses in order to determine whether they are stand-still pulses or not,
the first standstill pulse will always be seen on the DOUTx output pins and the first not stand-still pulse after a
stand-still period will be suppressed.
Figure 17. Standstill operation when PWM two edges per tooth is selected
sensor
current
DOUT pin
Bit
SSDIS=0
DOUT pin
Bit SSDIS=1
Stand still
time
First not
standstill
pulse is
suppressed
GADG1307171232PS
Data from the sensor are not latched: last incoming frame overwrites the previous one once validated. Faults
coming from diagnostic (i.e. over current, short to ground or battery) are latched until the microcontroller reads
them.
Two different digital algorithms can be selected:
•
Auto-adjusting current trip points. With this option, the ASIC is able to find sensor DC current value (named
IB0) in the range from 2.5 mA to 21 mA (default is 7 mA). The ASIC is also able to detect the current value
of the data pulse and compute the first threshold (named Ith1): Ith1 = IB0 + ∆Ith1/2 where ∆Ith1 is in the
range from 5 mA to 9.3 mA (default is 7 mA).
Besides, in case of VDA selected, the ASIC is also able to recognize the current value of the speed pulse
by computing a second threshold (named Ith2): Ith2 = IB0 + ∆Ith1 + ∆Ith2/2 where ∆Ith2 in the range from
10 mA to 18.6 mA (default is 14 mA).
∆Ith1 can be read on WSIRSDR[4:7] and can assume values in the range form 54 to 100; ∆Ith2 can be
read on WSIRSDR[8:11] and can assume values in the range form 108 to 200. When one of delta is
saturated it is possible for the user to select whether this information should be flagged in WSIRSDR[0:3];
this can be done through Disable Delta Error bit on WSICTRL register.
•
Fixed current trip points where the thresholds are settled by SPI. To avoid the risk of wrong settings
(inverted thresholds, thresholds outside WSI limits and similar) only first threshold can be directly specified
while, to determine the second one, offset current information must be provided. Both values, threshold and
offset, can be specified through 8-bit word (range 0x00 → 0xFF): default values are 10 mA for first
threshold and 10 mA for offset (i.e. 20 mA default for second threshold). A fixed offset of 54 is added to SPI
value to prevent settings out of range. Complete formulas for threshold computation are the following
(ref_cur = ITH1/106):
–
First threshold = [ref_cur] * (54 + WSI_FIRST_TH )
–
Second threshold = [ref_cur] * (108 + WSI_FIRST_TH + WSI_OFFS_TH )
L9300
Power supply
DS12258 - Rev 5
page 33/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com