Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 69Page - STMicroelectronics L9300 Datasheet HTML 70Page - STMicroelectronics L9300 Datasheet HTML 71Page - STMicroelectronics L9300 Datasheet HTML 72Page - STMicroelectronics L9300 Datasheet HTML 73Page - STMicroelectronics L9300 Datasheet HTML 74Page - STMicroelectronics L9300 Datasheet HTML 75Page - STMicroelectronics L9300 Datasheet HTML 76Page - STMicroelectronics L9300 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 178 page
background image
Name
Description
Value
SPI bit
HS OVC - Solenoid overcurrent
When the HS current reaches
overcurrent threshold in being
turned on
E_SOL_HSOVC_GPO the fault affects GPO
E_SOL_HSOVC_GPO=1 the fault does not
affect GPO
E_SOL_HSOVC_GPO
LS OVC - Solenoid overcurrent
When the LS current reaches
overcurrent threshold in being
turned on
E_SOL_LSOVC_GPO the fault affects GPO
E_SOL_LSOVC_GPO=1 the fault does not
affect GPO
E_SOL_LSOVC_GPO
OT - Solenoid overtemperature
When the temperature for
each channel reaches
overtemperature threshold
E_SOL_OT_GPO=0 the fault affects GPO
E_SOL_OT_GPO=1 the fault does not affect
GPO
E_SOL_OT_GPO
12.2
GPO electrical characteristics
5.5V ≤ VBATP ≤ 19V; -40°C ≤ Tj ≤ 175°C unless otherwise noticed. All voltages refer to GND pin.
Table 47. GPO electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Power Stage
Irev_GPO
GPO reverse current
Application note: in the application condition,
no impact on other functions, no leakage
from nearby pins, no reset generation
-50
mA
GPO
RDS-on GPO
Low–side rdson
Tj=150°C, Iload = 50mA
17.8
Ω
GPO
RDS-on GPO
Low–side rdson
Tj=175°C, Iload = 50mA
20
Ω
GPO
OUTlk
Output leakage current
WAKE = VBATP= 0V, GPO = 13V
10
µA
GPO
Driver Parameters
tTurn-On_ GPO
Turn-on delay time
From command to 90% GPO pin. Load:
250Ω, 10nF
5
µs
GPO
tTurn-Off_ GPO
Turn-off delay time
From command to 10% GPO pin. Load:
250Ω, 10nF
5
µs
GPO
On State Diagnostic
IOVC
Over current threshold
70
120
mA
GPO
TFILTEROVC
Over current filtering time Guaranteed by scan
4
6
8
µs
GPO
TFILTERdiagoff
Filtering open load and
short to gnd diag. off
Guaranteed by scan
30
50
70
µs
GPO
Off State Diagnostic
td_mask
Diagnosis mask delay
after switch-off
Guaranteed by scan
300
500
µs
GPO
VHVT
Open load threshold
voltage
Off state, diagnosis enabled
VOUTOPEN
+160 mV
3
V
GPO
VOUTOPEN
Output open load voltage Off state, diagnosis enabled
2.3
2.7
V
GPO
VLVT
Short-circuit to gnd
threshold voltage
Off state, diagnosis enabled
1.9
VOUTOPEN
-200 mV
V
GPO
IOUT_PD
Output diagnostic pull
down current
Off state, diagnosis enabled, GPO = 5V
50
110
µA
GPO
IOUT_PU
Output diagnostic pull up
current
Off state, diagnosis enabled, GPO = 1.5V
110
160
210
µA
GPO
Itopen
Open load threshold
current
30
100
µA
GPO
L9300
General purpose output (GPO)
DS12258 - Rev 5
page 73/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com