Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 8Page - STMicroelectronics L9300 Datasheet HTML 9Page - STMicroelectronics L9300 Datasheet HTML 10Page - STMicroelectronics L9300 Datasheet HTML 11Page - STMicroelectronics L9300 Datasheet HTML 12Page - STMicroelectronics L9300 Datasheet HTML 13Page - STMicroelectronics L9300 Datasheet HTML 14Page - STMicroelectronics L9300 Datasheet HTML 15Page - STMicroelectronics L9300 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 178 page
background image
Figure 5. Wake up through WAKE pin
VBATP
WAKE
ON
Tmask
Tmask
VDD ST EN
OFF
Ton
Ton
RES2
RES2
RES1
TRK4
TRK3,
TRK2,
TRK1,
VDD2
VDD4
VDD3
VDD1
WK_FLT_up
VDD3_dly
VDD2_SEL
TRK_SEL
RES1
St-by
GADG0707170959PS
7.3
Keep on
The device provides three different possibilities to stay ON.
1. A persistent high signal on WAKE pin
2. The setting of the power hold bit through SPI
3. The refreshing of the keep alive SPI bit within a certain time frame.
At each high to low transition on the WAKE pin the device enters the keep-alive mode for one keep-alive period
(KA_period).
If the device receives an SPI command to set the power hold bit within the first keep-alive period, the device
remains awake.
If the device receives an SPI command to refresh the keep-alive bit within the first keep-alive period the device
remains awake. Once the keep-alive bit is refreshed a new KA_period starts and so forth. To stay on the keep-
alive bit should be refreshed at each KA_period; after each refresh of the keep alive counter, the keep alive bit is
automatically reset.
Otherwise after the KA_period the device exits the keep-alive mode and enters in power down, unless the WAKE
pin remains high.
At each power up by CAN the device enters the keep-alive mode for one keep-alive period (KA_period).
If the device receives an SPI command to set the power hold bit within the first keep-alive period the device
remains awake.
L9300
Power up and power down
DS12258 - Rev 5
page 12/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com