Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 84Page - STMicroelectronics L9300 Datasheet HTML 85Page - STMicroelectronics L9300 Datasheet HTML 86Page - STMicroelectronics L9300 Datasheet HTML 87Page - STMicroelectronics L9300 Datasheet HTML 88Page - STMicroelectronics L9300 Datasheet HTML 89Page - STMicroelectronics L9300 Datasheet HTML 90Page - STMicroelectronics L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 178 page
background image
14.1.4
Seed generation and answer check
Seeds are 8-bit wide word generated by an LSFR pseudo-random algorithm. A new seed is generated and sent
onto an SPI word, WD_Seed, each time a new Seed request, T_start_REQ, is sent to the ASIC.
Figure 57. Seed generation algorithm block diagram
Seed
0
1
2
3
4
5
6
7
1
clk_4µs
Good
Answer
received
GADG0408171240PS
Seed is generated by freezing the 8-bit wide free running LSFR, running at a WD_clk clock period, each
T_start_REQ event.
As described in Figure 57, seed is generated by the LSFR algorithm. At each clock period (4 µs clock) the new
seed is generated according to the LSFR algorithm. A new seed is stored onto the WD_Seed only in case of a
correct answer received. In case of an error, the same seed is available onto the WD_Seed until a correct answer
is received.
Figure 58. Seed selection and elaboration flow
Microcontroller
ASIC
ANSWER WRITE
ANSWER CHECK
SEED
SENT SEED
OLD SEED
NEW SEED
SEED
SENT SEED
SEED
=
NEW SEED
SEED
=
OLD SEED
SEED
SEED_READ
SEED_ELABORATION
SEED_READ
ANSWER OK?
GADG0408171311PS
L9300
Q&A Watchdog
DS12258 - Rev 5
page 88/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com