Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 20Page - STMicroelectronics L9300 Datasheet HTML 21Page - STMicroelectronics L9300 Datasheet HTML 22Page - STMicroelectronics L9300 Datasheet HTML 23Page - STMicroelectronics L9300 Datasheet HTML 24Page - STMicroelectronics L9300 Datasheet HTML 25Page - STMicroelectronics L9300 Datasheet HTML 26Page - STMicroelectronics L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VDD2_line
Line regulation
VDD2_SUP 6 V to 19 V, IVDD2 = 10 mA,
200 mA
-10
+10
mV
VDD2
VDD2_load
Load regulation
IVDD2 = 10 mA to 200 mA, VBATP 6 V to
19 V
-10
+10
mV
VDD2
VDD2_Vout_tr1
Transient output
voltage 1
VDD2_SUP = 13 V, IVDD2 = 10 mA to
200 mA dI/dt = 200 mA/µs, CVDD2 =
2.2 µF, Guaranteed by design
-5
+5
%
VDD2
VDD2_Vout_tr2
Transient output
voltage 2
VDD2_SUP step 12 V to 18 V; 18 V to
12 V, dVDD2_SUP/dt = 3 V/µs, IVDD2 =
10 mA, 200 mA, CVDD2 = 2.2 µF,
Guaranteed by design
-5
+5
%
VDD2
VDD2_RdsON RdsON
Tj = 150 °C, VDD2_SUP = VDD2_SEL,
IVDD2 = 200 mA
3.6
VDD2
VDD2_RdsON RdsON
Tj = 175 °C, VDD2_SUP = VDD2_SEL,
IVDD2 = 200 mA, Guaranteed by design
4
VDD2
VDD2_PSSR
PSSR
VDD2_SUP = 6.5 V, IVDD2 = 200 mA,
Vnoise = 1 Vpp, fnoise = 465 kHz, CVDD2
= 2.2 µF Guaranteed by design
20
dB
VDD2
VDD2_cur lim
Current limitation
VDD2 = -2 V
250
375
mA
VDD2
VDD2_rev cur
Reverse current in
off condition
VDD2 = 20 V VDD2_SUP from 0 V to
19 V, VDD2 disabled
0.2
2
mA
VDD2
VDD2_rev cur
Reverse current in
on condition
VDD2 = 20 V VDD2_SUP from 0 V to
19 V VDD2 enabled
0.2
2
mA
VDD2
VDD2_ovs_a
Overshoot at power
on
IVDD2 = 10 mA, CVDD2 = 2.2 µF
5.5
V
VDD2
VDD2_ovs_b
Overshoot at
VBATP step
VBATP step from 5.5 V to 13 V during
10 µs, considering 1 µH wiring harness,
IVDD2 = 200 mA, CVDD2 = 2.2 µF
5.7
V
VDD2
VDD2_off
Off state voltage
1
V
VDD2
VDD2_soft
Soft start
IVDD2 = 10 mA, CVDD2 = 2.2 µF
5
25
V/ms
VDD2
Diagnostic
VDD2_rev_
cur_det
Reverse current
detection voltage
VDD2_SUP
VDD2_SUP
+0.2
V
VDD2
T_SD_TRK
Temperature shut
down
175
185
°C
VDD2
T_SD_hy
Temperature shut
down hysteresis
5
10
°C
VDD2
T_SD_deglitch
Digital deglitch filter
time
Guaranteed by scan
7.5
10
12.5
µs
VDD2
8.2.3
VDD2 error handling
Table 9. VDD2 type of errors
Type of error
Detection
condition
Action
Clear SPI
flag
Restart condition
VDD2 out of regulation
ON state
Set VDD2_OUT_OF_REGULATION SPI flag (4) in TRK-CAN
FAULT register
On read
N.A
VDD2 reverse current
ON state
VDD2 internal path to VDD2_SUP open,
VDD2_REVERSE_CURRENT SPI flag (6) latched in TRK-
CANFAULT register
On read
Automatic restart
when fault
disappears.
L9300
Power supply
DS12258 - Rev 5
page 24/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com