Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
I_LS_PU
Diagnostic pull up current
50
75
100
µA
LOADx
td_blank_0
Blank time 0
Bit_blank_x = 0, Guaranteed by scan
5.06
7.44
ms
LOADx
td_blank_1
Blank time 1
Bit_blank_x = 1, Guaranteed by scan
2.53
3.75
ms
LOADx
tflt_diagoff
Filter time
Guaranteed by scan
55
80
µs
LOADx
Minimum OFF time for correct
diagnostic (Blank time 0)
Application note (esd cap < 12nF, Bit_blank = 0)
7.52
ms
LOADx
Minimum OFF time for correct
diagnostic (Blank time 1)
Application note (esd cap < 6nF, Bit_blank = 1)
3.83
ms
LOADx
Off State Diagnostic – HS Configuration
VTVBAT
Short to battery threshold voltage
HS mode, driver tristate, diagnostic on
2.7
2.9
3.1
V
LOADx
VTOPEN
Open load threshold voltage
HS mode, driver tristate, diagnostic on
1.9
2.1
2.3
V
LOADx
VOUTOPEN
Open load voltage
HS mode, driver tristate, diagnostic on
2.3
2.5
2.7
V
LOADx
I_HS_THOPEN Open load threshold current
30
60
90
µA
LOADx
I_HS_PU
Diagnostic pull up current
40
70
100
µA
LOADx
I_HS_PD
Diagnostic pull down current
210
245
320
µA
LOADx
td_blank_0
Blank time 0
Bit_blank_x = 0, Guaranteed by scan
1
1.5
ms
LOADx
td_blank_1
Blank time 1
Bit_blank_x = 1, Guaranteed by scan
500
750
µs
LOADx
tflt_diagoff
Filter time
Guaranteed by scan
55
80
µs
LOADx
Minimum OFF time for correct
diagnostic (Blank time 0)
Application note (esd cap < 12nF, Bit_blank = 0)
1580
µs
LOADx
Minimum OFF time for correct
diagnostic (Blank time 1)
Application note (esd cap < 6nF, Bit_blank = 1)
830
µs
LOADx
1. Parallel reverse current on multiple channels not considered: max negative total pulsed current, assuming VSx shorted at Ta = 135, is -14 A.
2. Parallel reverse current on multiple channels not considered.
3. Provided configuration parameters and current control settings are able to allow proper regulation
4. Provided configuration parameters and current control settings are able to allow proper regulation, assuming constant HILOAD setting over
life time
L9300
Valve drivers
DS12258 - Rev 5
page 63/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com