Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics L9300 Datasheet HTML 68Page - STMicroelectronics L9300 Datasheet HTML 69Page - STMicroelectronics L9300 Datasheet HTML 70Page - STMicroelectronics L9300 Datasheet HTML 71Page - STMicroelectronics L9300 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 178 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
PD1_OFF
PD1 OFF voltage
PD1G – PD1S
0
0.5
V
PD1G, PD1S
PD1_Isource
PD1 current source
10
25
35
mA
PD1G
PD1_Isink
PD1 current sink
10
25
35
mA
PD1G
PD1D_Ileak_dis
PD1D leakage current
Pump Pre-driver disabled, PD1D = VBATP = 13V,
WAKE = 0V
-1
1
µA
PD1D
PD1D_Ileak_dis
PD1D leakage current
Pump Pre-driver disabled PD1D = VBATP = WAKE
= 13V
40
90
150
µA
PD1D
PD1D_Ileak_en_on PD1D leak current
Pump Pre-driver enabled, PWM on, PD1D = VBATP
= WAKE = 13V
200
270
400
µA
PD1D
PD1D_Ileak_en_off PD1D leak current
Pump Pre-driver enabled, PWM off, PD1D = VBATP
= WAKE = 13V
200
360
500
µA
PD1D
PD1S_Ibias_dis
PD1S bias current from
CP supply
Pump Pre-driver disabled PD1D = VBATP = WAKE
= 13V
-650 -485 -350
µA
PD1S
PD1S_Ibias_en_on
PD1S bias current from
CP supply
Pump Pre-driver enabled, PWM on, PD1D = VBATP
= WAKE = 13V
-300 -185 -100
µA
PD1S
PD1S_Ibias_en_off
PD1S bias current from
CP supply
Pump Pre-driver enabled, PWM off, PD1D = VBATP
= WAKE = 13V
-600 -485 -200
µA
PD1S
On State Diagnostic
PD1_VDS
VDS th
PUMP_PREDRIVER_TH = 00
0.35
0.5
0.65
V
PD1S, PD1D
PD1_VDS
VDS th
PUMP_PREDRIVER_TH = 01
0.8
1
1.2
V
PD1S, PD1D
PD1_VDS
VDS th
PUMP_PREDRIVER_TH = 10
1.3
1.5
1.7
V
PD1S, PD1D
PD1_VDS
VDS th
PUMP_PREDRIVER_TH = 11
1.75
2
2.25
V
PD1S, PD1D
T_PD1_VDS_blank VDS blank time
Guaranteed by scan
7
10
13
µs
PD1S, PD1D
T_PD1_VDS_flt
VDS filter time
EMI filter Guaranteed by deisgn
200
600 1000
ns
PD1S, PD1D
10.3.3
Pump pre-driver error handling
Table 43. Pump pre-driver error handling
Type of error
Detection condition
Action
Clear SPI flag
Restart condition
VDS fault
PUMP enabled in PWM
mode
Mask PUMP pre-driver PWM to keep the PUMP FET off and
set VDS Pump Pre Driver Fault bit (11) in SERVFLT
register
On read
Automatic on SPI
read
L9300
Valve drivers
DS12258 - Rev 5
page 68/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com