Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 13Page - STMicroelectronics L9300 Datasheet HTML 14Page - STMicroelectronics L9300 Datasheet HTML 15Page - STMicroelectronics L9300 Datasheet HTML 16Page - STMicroelectronics L9300 Datasheet HTML 17Page - STMicroelectronics L9300 Datasheet HTML 18Page - STMicroelectronics L9300 Datasheet HTML 19Page - STMicroelectronics L9300 Datasheet HTML 20Page - STMicroelectronics L9300 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 178 page
background image
7.5
Functional state block diagram
Figure 9. Device state block diagram
v33_int_en=0
cp_en=0
vdd1_en=0
vddx_en=0
vdd2/trkn_en=0
sol_en=0
can_en=0
vdd4_dly_expired
wake=0 AND
wake=0 AND
v33_int < vpom OR
v33_int > vpom AND
vdd1_opt=1 AND vdd1_ilim=1
vdd1_opt=1 AND vdd1_ilim=1
sol_otp=1 OR
vdd2/trkn_otp=1
vdd2/trkn_otp=1
vdd2/trkn_otp=0
vdd2/trkn_otp=0
sol_otp=0 AND
vdd1_opt=0
v33_int < vpom
phold=0 AND
KAtimer_expired
vbatp < vbatp_uv
vbatp > vbatp_uv
OR int_otp=1
OR int_otp=1
vcp <= vcp_uv
AND vdd2/trkn_ilim=1
AND vdd2/trkn_ilim=1
vcp > vcp_uv
AND int_otp=0
vdd1 soft start
vdd4 soft start
vdd3 soft start
vddx > vddx_uv
res1 low
res1 low
GADG0707171134PS
res1 high
vdd1 > vdd_st_en
vdd3_dly_expired
wake=1
vdd4_dly
v33_int_en=1
cp_en=0
vdd1_en=0
vddx_en=0
vdd2/trkn_en=0
sol_en=0
can_en=0
v33_int_en=1
cp_en=1
vdd1_en=1
vddx_en=0
vdd2/trkn_en=0
sol_en=0
can_en=0
v33_int_en=1
cp_en=1
vdd1_en=0
vddx_en=0
vdd2/trkn_en=0
sol_en=0
can_en=0
v33_int_en=1
cp_en=1
vdd1_en=1
vddx_en=1
vdd2/trkn_en=0
sol_en=0
can_en=0
v33_int_en=1
cp_en=1
vdd1_en=1
vddx_en=1
vdd2/trkn_en=1
sol_en=0
can_en=0
v33_int_en=1
cp_en=1
vdd1_en=1
vddx_en=1
vdd2/trkn_en=1
sol_en=1
can_en=1
v33_int_en=1
cp_en=1
vdd1_en=1
vddx_en=1
vdd2/trkn_en=1
sol_en=0 (otp: only shorted channels)
can_en=1
v33_int_en=1
cp_en=1
vdd1_en=1
vddx_en=1
vdd2/trkn_en=0 (only shorted channel)
sol_en=x (keep previous state)
can_en=x (keep previous state)
v33_int_en=1
cp_en=1
vdd1_en=1
vdd4_en=1/vdd3_en=0
vdd2/trkn_en=0
sol_en=0
can_en=0
v33_int_en=1
cp_en=1
vdd1_en=0
vdd4_en=1/vdd3_en=0
vdd2/trkn_en=0
sol_en=0
can_en=0
init
full operation
vdd2/trkn otp
Any state
stby
sequence
power down
ramp_up
vdd3
otp
vdd1
tri-state
Solenoid
ramp_up
track
ramp_up
vdd4
vdd1 ramp_up
L9300
Power up and power down
DS12258 - Rev 5
page 17/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com