Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 5Page - STMicroelectronics L9300 Datasheet HTML 6Page - STMicroelectronics L9300 Datasheet HTML 7Page - STMicroelectronics L9300 Datasheet HTML 8Page - STMicroelectronics L9300 Datasheet HTML 9Page - STMicroelectronics L9300 Datasheet HTML 10Page - STMicroelectronics L9300 Datasheet HTML 11Page - STMicroelectronics L9300 Datasheet HTML 12Page - STMicroelectronics L9300 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 178 page
background image
6
Battery voltage range
Table 4. Battery voltage range
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VBATP operative
Normal Operative Voltage Range(1)
Ta = -40 °C
5.5
19
V
VBATP
Ta = 27 °C
5.55
19
V
Ta = 135 °C
5.6
19
V
VBATP double
Full Operating Voltage Range(2)
Ta ≤ 50 °C
19
27
V
VBATP
VBATP high
High Voltage Range(3)
Ta ≤ 50 °C
27
40
V
VBATP
VBATP low
Low Voltage Range(4)
Ta = -40 °C
-0.3
5.5
V
VBATP
Ta = 27 °C
-0.3
5.55
V
Ta = 135 °C
-0,3
5.6
V
1. The device shall be capable of full functional operation; min value of VBATP pin is considering the drop voltage of its
reverse protection diode.
2. The device shall be capable of full functional operation at Ta ≤ 50 °C There shall be no damage to flexible, no false
operation and input pins shall withstand voltage and current defined in Absolute ratings regardless of battery voltage range.
Also, linear regulators output shall not exceed the Transient Load Response defined in the related section and output
voltage of other output signals (i.e., CPU control signal, CAN-RXD, etc) shall not exceed the voltage at normal operation.
Full functional operation shall resume without any operator intervention when battery voltage returns to Normal Operating
Voltage Range at Ta ≤ 50 °C
3. There shall be no damage to the device, Solenoid channels will be disabled, together with Fail Safe and Pump pre-drivers,
to limit power dissipation; input pins shall withstand voltage and current defined in Absolute ratings regardless of battery
voltage range. Regulator outputs shall not exceed the Transient Load Response defined in related section and output
voltage of other output signals (i.e., CPU control signal, CAN-RXD, etc.) shall not exceed the voltage at normal operation.
Switching regulators may violate Transient Load Response accuracy depending on target regulated voltage, however no
reset should be triggered. Full functional operation shall resume without any operator intervention when battery voltage
returns to Normal Operating Voltage Range.
4. Depending on VBATP input level the device may be in reset condition or operating mode with degraded parameters. Details
of VBATP voltage range are described in Functional table, degraded parameters are specified in Electrical Characteristic
tables.
L9300
Battery voltage range
DS12258 - Rev 5
page 9/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com