Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics L9300 Datasheet HTML 36Page - STMicroelectronics L9300 Datasheet HTML 37Page - STMicroelectronics L9300 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 178 page
background image
VDA sensor decoding
For the three level wheel speed sensor, additional information is Manchester encoded between two consecutive
speed pulses.
The device measures each speed pulse duration and its value is used as time base for Manchester decoder
which provides decoding for the bit [0:8] shown in the figure below. The number of the data log bit depends on the
speed so that the device is able to inform the microcontroller about the number of bit effectively received.
Figure 18. Definition of speed pulse and data log bits
South Terminal
North
Terminal
North
Terminal
Initial bit
Speed
pulse
Data log bits
0
1
2
3
4
5
6
7
8
I_mid(2XI-low)
I_high(4XI-low)
I_low(7mA)
GADG1307171618PS
Normal sensor operation
Normal operation frames are composed as shown in the figure below.
Figure 19. Signal monitoring: normal speed
bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 Parity
tp/2
tp/2
tp
tp
tp
tp
tp
tp
tp
tp
tp
tp
1
1
0
1
1
0
1
0
1
Initial bit
Speed pulse
Sensor output
Current
Data log
Speed pulse
GADG1407170832PS
L9300
Power supply
DS12258 - Rev 5
page 34/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com