Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 99 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 95Page - STMicroelectronics L9300 Datasheet HTML 96Page - STMicroelectronics L9300 Datasheet HTML 97Page - STMicroelectronics L9300 Datasheet HTML 98Page - STMicroelectronics L9300 Datasheet HTML 99Page - STMicroelectronics L9300 Datasheet HTML 100Page - STMicroelectronics L9300 Datasheet HTML 101Page - STMicroelectronics L9300 Datasheet HTML 102Page - STMicroelectronics L9300 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 178 page
background image
Table 56. SPI register addresses
Page ID [binary]
Macro Function
Address Space Name
SPI Base Address
[hex]
[binary]
000
Solenoid Channel 1
Channel_1_BaseAddress
0x00
000 0000
001
Solenoid Channel 2
Channel_2_BaseAddress
0x10
001 0000
010
Solenoid Channel 3
Channel_3_BaseAddress
0x20
010 0000
011
Solenoid Channel 4
Channel_4_BaseAddress
0x30
011 0000
100
Solenoid Channel 5
Channel_5_BaseAddress
0x40
100 0000
101
Solenoid Channel 6
Channel_6_BaseAddress
0x50
101 0000
11x
Global
GLOBAL_BaseAddress
0x60
11x 0000
Note:
Assumptions on solenoid channel status.
Solenoid Channel State: (DISABLED, TRISTATED, ACTIVE);
DISABLED: Channel inactive, Driver Hi impedance, no diagnosis available.
TRISTATED: Channel enabled, Driver Hi impedance, Thermal/OFF diagnosis available.
ACTIVE: Channel enabled, Driver operating according PWM, Thermal/ON diagnosis available.
During power on sequence, all solenoid channels are in DISABLED state. At the end of power on sequence,
channel status is controlled by EN_DR pin status (0 => DISABLED) and SPI registers (SERVENA and
SOLENDRV).
In the following tables RES1 reset event has to be intended as the combination of internal events triggering reset
pin low and RES1 trigger from external command; unused bits for SDO data fields are reported as 0 in the data
out frame.
Table 57. Register summary table
Register description
Register name
Service enable
SERVENA
Service Fault
SERVFLT
Service Fault Mask
SERVFLTMSK
Temperature sensor
TEMPSENS
WSI Registers
WSITEST
WSI CONFIGURATION CH_1_2
WSIRSCR0
WSI CONFIGURATION CH_3_4
WSIRSCR3
WSI CONTROL
WSICTRL
WSI AUXILIARY CONFIGURATION
WSIAUXCONF
WSI REMOTE SENSOR DATA/FAULT REGISTER 0 to 3
WSIRSDR[0:3]
WSI REMOTE SENSOR DATA REGISTER 4 to 7
WSIRSDR[4:7]
WSI REMOTE SENSOR DATA REGISTER 8 to 11
WSIRSDR[8:11]
TRK-CAN DISABLE
TRKDISABLE
TRK-CAN FAULT
TRKFAULT
Pump Configuration
PUMPCFG
Q&A Seed/Answer
WDG2SEEDANS
Q&A Status
WDG2STATUS
Q&A Answer Timing
WDG2ANSTMG
Q&A Request Timing
WDG2RQTMG
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 99/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com