Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 98Page - STMicroelectronics L9300 Datasheet HTML 99Page - STMicroelectronics L9300 Datasheet HTML 100Page - STMicroelectronics L9300 Datasheet HTML 101Page - STMicroelectronics L9300 Datasheet HTML 102Page - STMicroelectronics L9300 Datasheet HTML 103Page - STMicroelectronics L9300 Datasheet HTML 104Page - STMicroelectronics L9300 Datasheet HTML 105Page - STMicroelectronics L9300 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 178 page
background image
[12] GPO Diagnostic Disable:
0: GPO Diag Enabled
1: GPO Diag Disabled
Reset events: VB_UV, GND_LOSS, POR, RES1
[11] GPO CMD:
0: GPO LS OFF
1: GPO LS ON
Reset events: VB_UV, GND_LOSS, POR, T_SD_int
[10] GPO Configuration:
0: IRQ
1: LED driver
Reset events: POR
[9] Fail Safe Pre-Driver Enable:
0: DISABLE
1: ENABLE
Reset events: VB_UV, VB_OV, POR, RES1
[8] Pump Pre-Driver Enable:
0: DISABLE
1: ENABLE
Reset events: VB_UV, VB_OV, GND_LOSS, POR, RES1, CP_UV
[7:6] PUMP_PREDRIVER_TH:
00: 0.5 V threshold
01: 1 V threshold
10: 1.5 V threshold
11: 2 V threshold
Reset events: VB_UV, GND_LOSS, POR, RES1
[5:0] Solenoid Channel Enable[6]: 6 time repeated single bit field, one for each channel.
ENCH:
0: DISABLE
1: ENABLE
Reset events: VB_UV, VB_OV, GND_LOSS, POR, RES1, CP_UV
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 102/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com