Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 4Page - STMicroelectronics L9300 Datasheet HTML 5Page - STMicroelectronics L9300 Datasheet HTML 6Page - STMicroelectronics L9300 Datasheet HTML 7Page - STMicroelectronics L9300 Datasheet HTML 8Page - STMicroelectronics L9300 Datasheet HTML 9Page - STMicroelectronics L9300 Datasheet HTML 10Page - STMicroelectronics L9300 Datasheet HTML 11Page - STMicroelectronics L9300 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 178 page
background image
5
Temperature ranges and thermal data
All parameters are guaranteed, and tested, in the temperature range Tj -40÷150 °C (unless otherwise specified);
the device is still operative and functional at higher temperatures (up to Tj 175 °C).
Device functionality at high temperature is guaranteed by bench validation, electrical parameters are guaranteed
by correlation with ATE tests at reduced temperature and adjusted limits (if needed).
Table 3. Temperature ranges and thermal data
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Ta
Operating Temperature
-40
135
°C
ALL
Tj
Junction Temperature
-40
175
°C
ALL
Tstr
Storage Temperature
-50
175
°C
ALL
RTHj-c(1)
Thermal Resistance junction to case
0.66
0.9
°C/W
ALL
RTHj-a(1)
Thermal Resistance junction to ambient
8.5
°C/W
ALL
1. With 2s2p PCB thermally enhanced, cold plate as per std Jedec best practice guidelines (JESD51), assuming Pdiss = 5 W dissipated
statically and homogeneously.
L9300
Temperature ranges and thermal data
DS12258 - Rev 5
page 8/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com