Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 1 Page - STMicroelectronics

  L9300 Datasheet HTML 1Page - STMicroelectronics L9300 Datasheet HTML 2Page - STMicroelectronics L9300 Datasheet HTML 3Page - STMicroelectronics L9300 Datasheet HTML 4Page - STMicroelectronics L9300 Datasheet HTML 5Page - STMicroelectronics L9300 Datasheet HTML 6Page - STMicroelectronics L9300 Datasheet HTML 7Page - STMicroelectronics L9300 Datasheet HTML 8Page - STMicroelectronics L9300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 178 page
background image
Features
•
AEC-Q100 qualified
•
Four voltage regulators
–
One configurable 5 V or 6.5 V buck regulator
–
One configurable 5 V linear/tracking regulator
–
Two linear regulators with selectable output voltage
•
Four tracking regulators/wheel speed sensor interfaces
•
Six low-side/high-side current control drivers
–
Integrated current sense path
–
Current accuracy (in normal range)
◦
± 8 mA in 0 to 0.5 A range
◦
± 1% in 0.5 A to 1.5 A range
–
Current accuracy (in extended range)
◦
± 20 mA in 0 to 0.075 A range
◦
-15 / +12 mA 0.075 A to 0.3 A
◦
- 5 / +4% in 0.3 A to 0.5 A range
◦
± 4% in 0.5 A to 2 A range
–
Max driver RDSON 500 mΩ @ 175 °C
–
11-bit current set-point resolution
–
Variable and fixed frequency current control algorithm
–
Programmable dither function
–
Selectable driver slew-rate control
•
Two high-side NFET pre-drivers
•
Integrated charge-pump
•
CAN transceiver
•
Two watchdogs types:
–
Hardware watchdog
–
Software Query and Answer based watchdog
•
Wake-up control
•
Temperature sensor and monitoring
•
Dual band gap reference and oscillator
•
32-bit SPI interface
•
TQFP 80 EP (14x14)
Description
The device is an integrated circuit designed for automotive environment and
implemented in BCD8s_auto technology.
The device configurability involves both the supplies block and the valve drivers
stage and particularly addresses to transmission applications.
GADG1809170913PS
TQFP80 (Exp. pad down)
GADG0607171271PS
TQFP80 (Exp. pad up)
Product status link
L9300
Product summary
Order code
Package
Packing
L9300TU80T
TQFP80
exp. pad
up
Tray
L9300TD80T
TQFP80
exp. pad
down
Tray
L9300TD80T-TR
Tape and
reel
Automotive flexible U-chip for braking and transmission
L9300
Datasheet
DS12258 - Rev 5 - June 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9300 STMICROELECTRONICS-L9300 Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
L9300TD80T-TR STMICROELECTRONICS-L9300TD80T-TR Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
L9300TU80T STMICROELECTRONICS-L9300TU80T Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
More results

Similar Description - L9300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC7218-Q1 TI1-TPIC7218-Q1 Datasheet
578Kb / 9P
Power Controller and Sensor ASIC for Braking Applications
logo
RHOPOINT COMPONENTS
BRM-10R0-10-L RHOPOINT-BRM-10R0-10-L Datasheet
175Kb / 4P
High Load and Braking Resistors
BRQ-10R0-10-L RHOPOINT-BRQ-10R0-10-L Datasheet
178Kb / 4P
High Load and Braking Resistors
logo
Japan Aviation Electron...
MX62 JAE-MX62 Datasheet
235Kb / 5P
USB3.0 High-speed Transmission Connector for Automotive
logo
Infineon Technologies A...
TLE4959CFX INFINEON-TLE4959CFX Datasheet
930Kb / 20P
TLE4959C FX Flexible Transmission SpeedSensor
Data Sheet 1.0 2018-02
logo
NXP Semiconductors
MC33SB0400SM NXP-MC33SB0400SM Datasheet
279Kb / 5P
ABS motorcycle braking chip
Rev. 2.0, 8/2016
MC33SB0401SM NXP-MC33SB0401SM Datasheet
276Kb / 5P
ABS motorcycle braking chip
Rev. 2.0, 8/2016
logo
STMicroelectronics
L9300 STMICROELECTRONICS-L9300 Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
L9369 STMICROELECTRONICS-L9369 Datasheet
291Kb / 13P
Automotive IC for a specific application of electric parking braking
11-Jan-2019
L9370 STMICROELECTRONICS-L9370 Datasheet
291Kb / 13P
Automotive IC for a specific application of electric parking braking
11-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com