Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 18Page - STMicroelectronics L9300 Datasheet HTML 19Page - STMicroelectronics L9300 Datasheet HTML 20Page - STMicroelectronics L9300 Datasheet HTML 21Page - STMicroelectronics L9300 Datasheet HTML 22Page - STMicroelectronics L9300 Datasheet HTML 23Page - STMicroelectronics L9300 Datasheet HTML 24Page - STMicroelectronics L9300 Datasheet HTML 25Page - STMicroelectronics L9300 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 178 page
background image
VDD2 output is short to battery protected to avoid reverse current into VDD2_SUP pin: in case the protection is
triggered a diagnostic bit is set in the dedicated SPI register.
An out of regulation comparator is implemented: this comparator senses when the internal current limitation
circuitry is activated to regulate properly the output voltage due to either a low drop condition or an overcurrent
condition. Once out of regulation condition is detected a flag is set in SPI registers and latched until read. The
diagnostic is not masked during power-up phase.
VDD2 has a thermal protection with thermal sensors shared with TRKn regulators. In case the temperature
shutdown threshold is reached, and the regulator detects an out of regulation fault, it will be turned off and its
dedicated diagnostic bit will be set. Once the sensed temperature is decreased below the shutdown threshold
plus a thermal hysteresis, the regulator is automatically turned on with soft start function. T_SD_TRK is the bit
that latches the thermal shutdown and it is cleared on SPI read.
A dedicated disable SPI bit VDD2_DIS (default condition = 0) is present and it can be used to switch off the VDD2
regulator and avoid thermal on/off oscillations in case the short on output pin cannot be removed.
Figure 11. VDD2 linear or tracking regulator
VDD2
Tracking
X
X
Control
loop
(linear or
tracking)
X
Driver
VDD2_SUP
Tracking
VDD2
VDD2_SEL
VDD2
VDD2_SUP
GADG1007170948PS
8.2.2
VDD2 electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 5.5 V ≤ VDD2_SUP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages
refer to GND pin. If VDD2_SUP < 6 V the regulator may enter in Rds ON mode where tracking error and line/load
regulation accuracy depend on regulator dropout.
Table 8. VDD2 electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
IVDD2
Output load current
Application note
10
200
mA
VDD2
CVDD2
Output capacitor
Application note Component &
temperature drift included
-25%
2.2
+25%
µF
VDD2
CVDD2 ESR
Output capacitor
maximum ESR
Application note f ≤ 150 kHz
0.01
1
Ω
VDD2
CVDD2 EXT
External sensor
capacitor
Application note
150
µF
VDD2
VDD2_SUP_
Ileak_dis
VDD2_SUP
leakage current
VDD2_SUP = 13 V, WAKE = 0 V
-1
1
µA
VDD2_SUP
L9300
Power supply
DS12258 - Rev 5
page 22/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com