Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics L9300 Datasheet HTML 36Page - STMicroelectronics L9300 Datasheet HTML 37Page - STMicroelectronics L9300 Datasheet HTML 38Page - STMicroelectronics L9300 Datasheet HTML 39Page - STMicroelectronics L9300 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 178 page
background image
Table 14. Decoding start/stop behaviour
Sensor condition
Decoding start
Decoding stop
Normal speed
28 mA pulse with tp
Rising edge of 28 mA pulse or no modulation is performed for 5/4*tp
High speed
28 mA pulse with tp
Rising edge of 28 mA pulse
Stand still
14 mA pulse with tp
No modulation is performed for 5/4*tp
Wheel Speed data register formats
In the wheel speed sensor interface, four data registers are used (Remote Sensor Data Register WSIRSDR0-
WSIRSDR3).
Independent data registers are defined for each wheel speed channel and their contents are determined by
sensor type. Three level VDA sensors have eight data bit (stored in WSIRSDRx registers) and parity check
performed at device level, in case parity check fails an error flag is set in WSIRSDRx register. At fast speed, the
sensor may not transmit all bits: the ASIC is able both to process normal or either truncated frames by providing
together with data, a 4-bit counter to inform the microcontroller about the number of received valid bits. For PWM
encoded sensors, each pulse length is written to the sensor data register with a typical resolution of 5 μs per bit.
In case of pulse width duration equal to or higher than 1.045 ms and less than or equal to 2.55 ms, the standstill
condition will be recognized. The register is updated when a PWM falling edge is detected; in case of stuck-at 1 of
the PWM signal the register is updated when the counter reaches the overflow value (0x1FF): in this case the
standstill bit not set and the counter in overflow will signal a fault to the microcontroller in WSIRSDR register. No
data are available for STD sensors.
Sensor data integrity: LCID and CRC
WSIRSDR[3:0] data register contains a Logical Channel ID which is a 2-bit field for remote sensors used to link
the received data to the corresponding logical channel number. WSIRSDR[3:0] register also contain a 3-bit CRC
field computed on the data packet for data integrity check. To satisfy functional safety requirements LCID, DATA
and CRC bit fields propagate through the same data path as a single item to the SPI output. The CRC checksum
can also be evaluated using a polynomial approach with the following parameters for the algorithm:
•
Polynomial G3(x) = x3+x+1, whose hexadecimal equivalent code is “0xB”;
•
Number of CRC bit: 3;
•
Initial seed: all ones;
•
Input word length: 17 bit;
•
LSB first;
•
Additional left shift number: 3.
Test mode
In order to test the connection between IC and microcontroller, the device features a wheel speed test mode that
allows test patterns to be applied on the four wheel speed outputs DOUTx. The test mode can be entered via SPI
and the test patterns can also be controlled via SPI commands. Test patterns can be composed only of static high
or low signals, which can be selected via SPI. For safety reasons only one channel at a time can be switched into
test mode.
Remote sensor interface fault protection
Short to GND, current limit
Each output is short circuit protected by an independent current limit and a thermal detection circuit. In case the
output current level reaches or exceeds the ILIMTH for a time period greater than TILIMTH and meanwhile the
remote sensor interface thermal protection is triggered the output stage is disabled. In case the thermal warning
level would not be reached, the current limitation circuitry will prevent damages on the channel, still while
operating the output. An internal up-down counter will count in 25 µs increment up to TILIMTH. The filter time is
chosen in order to avoid false current limit detection for in-rush current that may happen at interface switch-on.
When the output is turned off due to current limit, the appropriate fault code is set in the Remote Sensor Fault Bits
(FLTBIT). The fault timer latch is cleared when the satellite channel is switched off then re-enabled through the
Remote Sensor Configuration Register (WSIRSCR). This fault condition does not interfere with the normal
operation of the IC, nor with the operation of the other channels.
Short to Battery
L9300
Power supply
DS12258 - Rev 5
page 36/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com