Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 85Page - STMicroelectronics L9300 Datasheet HTML 86Page - STMicroelectronics L9300 Datasheet HTML 87Page - STMicroelectronics L9300 Datasheet HTML 88Page - STMicroelectronics L9300 Datasheet HTML 89Page - STMicroelectronics L9300 Datasheet HTML 90Page - STMicroelectronics L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics L9300 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 178 page
background image
Figure 59. Answer check generation algorithms block diagram
Seed
0
1
2
3
4
5
6
7
-Seed
0
1
2
3
4
5
6
7
Answer high
0
1
2
3
4
5
6
7
Answer low
0
1
2
3
4
5
6
7
GADG0408171328PS
The answer is a 16-bit wide word checked against a 16-bit word composed by two bytes, Answer_Low and
Answer_High, generated from the seed sent.
Answer_Low is the logical 2’s complement of the seed while Answer_High is a replica of the seed sent.
14.2
Q&A watchdog SPI registers
When a Read operation is performed, a new seed is sent and the read is treated as a new Seed request. When
an Answer write is not treated as a new Seed request and the seed related to that answer is sent back.
14.2.1
Register unlock procedure
All the SPI parameters can be programmed before the WD mechanism starts. After the first seed request, the
registers are locked to prevent from unexpected modification by the µC.
To modify the register, µC must send an unlock key. After the key is received a register can be modified. After the
first SPI write access (to any address) received after the Unlock key, registers are automatically locked.
Unlock_Cmd = 20’h0f0f0
Example 1 : Example of unlock usage: To change the WD Req Timings and Answ Timing while WD is working
WD is running → All the WD config registers are locked
Unlock_Cmd is received → Lock is removed
Write Access to WD Req Timing register → WD Req Timing updated
→ All the WD config registers are automatically locked
Unlock_Cmd is received → Lock is removed
Write Access to WD Answ Timing register → WD Ans Timing updated
→ WD config registers are automatically locked
L9300
Q&A Watchdog
DS12258 - Rev 5
page 89/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com