Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 53Page - STMicroelectronics L9300 Datasheet HTML 54Page - STMicroelectronics L9300 Datasheet HTML 55Page - STMicroelectronics L9300 Datasheet HTML 56Page - STMicroelectronics L9300 Datasheet HTML 57Page - STMicroelectronics L9300 Datasheet HTML 58Page - STMicroelectronics L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 178 page
background image
PWM_SENSE
Period when in Fixed Frequency
262143
262143 * 125 [ns]
10.1.1.5
Driver diagnostic
Thermal Protection
Each solenoid channel has a dedicated temperature sensor that continuously monitors the temperature of the
low–side and of the high–side power FET. In case the temperature warning is reached a dedicated diagnostic bit
is set and latched (T_WARN_x, where x indicates the channel where the thermal warning occurs). The latch is
automatically cleared on SPI read if thermal warning condition is no longer present.
In case the temperature shut down is reached the related channel is put in tristate (setting the target current and
the enable bit to zero); the GPO, if configured as IRQ, is triggered and a dedicated diagnostic bit is set. T_SD_x is
the bit that latches the thermal shut down and it is cleared on SPI read. Channel activation is prevented if thermal
shut down condition is still present on SPI read, GPO, if configured ad IRQ, follows T_SD_x bit (if not masked).
Overcurrent Protection
An overcurrent protection is present for each HS and LS of each solenoid channel. The overcurrent threshold is
selectable through OVC_thres_x (where x indicates the channel).
Hardware mode: In case of overcurrent (on HS or on LS) the solenoid channel is put in tristate (setting the target
current and the enable bit to zero), the GPO, if configured as IRQ, is triggered down and a dedicated diagnostic
bit is set (OVC_LS_x or OVC_HS_x, where x indicates the channel and LS/HS the power MOS where the fault
occurred). To restart the channel the microcontroller has to clear the fault bit (reading the fault register), to give
the target current and the enable bit.
Software mode: The overcurrent protection in software mode is configurable by SPI (OVC_R bit). If OVC_R = 0
(default condition) in case of overcurrent (on HS or on LS) the solenoid channel is put in tristate (setting the
enable bit to zero), the GPO, if configured as IRQ, is triggered down and a dedicated diagnostic bit is set
(OVC_LS_x or OVC_HS_x, where x indicates the channel and LS/HS the power MOS where the fault occurred).
To restart the channel the microcontroller has to clear the fault bit (reading the fault register) and to enable the
channel. If OVC_R = 1 the restart function is activated: in this condition, when an overcurrent occurs, the failed
power MOS is turned off, the GPO, if configured as IRQ, is triggered down, a dedicated diagnostic bit is set
(OVC_LS_x or OVC_HS_x, where x indicates the channel and LS/HS the power MOS where the fault occurred)
and the slew rate of the power in fault condition is automatically set to 11 (higher value to limit dissipation issue).
The diagnostic bit can be cleared only by reading the register by SPI, however the channel can be restarted at the
following rising edge of the parallel command.
Figure 34. Driver behavior in short to GND condition: HS_config=1, SW_cntr=1, OVC_R=1
GADG1807171607PS
L9300
Valve drivers
DS12258 - Rev 5
page 57/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com