Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 86Page - STMicroelectronics L9300 Datasheet HTML 87Page - STMicroelectronics L9300 Datasheet HTML 88Page - STMicroelectronics L9300 Datasheet HTML 89Page - STMicroelectronics L9300 Datasheet HTML 90Page - STMicroelectronics L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics L9300 Datasheet HTML 93Page - STMicroelectronics L9300 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 178 page
background image
15
CAN Interface
15.1
CAN interface functional description
The CAN interface main features are the following:
•
Compatible to the ISO 11898-2 standard
•
Communication speed up to 1 Mbit/s
•
Function range from -18 V to +40 V DC at CAN pins
•
GND disconnection fail safe at module level
•
GND shift operation at system level
•
Microcontroller interface with CMOS compatible I/O Pins.
•
Matched output slopes and propagation delay
•
Receive-only mode available
In order to further reduce the current consumption in standby mode, the integrated CAN bus interface offers an
ultra low current consumption.
15.1.1
CAN error handling
At V33_DIG > POR threshold (internal power on reset), the CAN transceiver is enabled. CAN transmitter is
supplied by a dedicated pin (CANVDD) to avoid disturbances of CAN activity on main supply lines. The CAN
transmitter is disabled only in case of the following errors:
•
Dominant TxDC timeout
•
CAN permanent recessive
•
RxDC permanent recessive
•
Thermal shutdown TSD_VDD1
•
WD reset
The CAN receiver is not disabled in case of any failure condition.The device provides the following 4 error
handling features; the CAN error handling function can be disabled by setting a proper SPI bit.
Dominant TxDC Timeout
If TXDC is in dominant state (low) for t > tTXDC_DOM_TO the transmitter is disabled, status bit is latched and
cleared by SPI read. The transmitter remains disabled until the status register is cleared.
CAN Permanent Recessive
If TXDC changes to dominant (low) state but CAN bus does not follow for 4 times, the transmitter is disabled,
status bit is latched and cleared by SPI read. The transmitter remains disabled until the status register is cleared.
CAN Permanent Dominant
If the bus state is dominant (low) for t > tCAN_DOM_TO a permanent dominant status is detected. The status bit is
latched and cleared by SPI read. The transmitter is not disabled.
RXDC Permanent Recessive
If RXDC Pin is clamped to recessive (high) state, the controller is not able to recognize a bus dominant state and
could start messages at any time, which results in disturbing the overall bus communication. Therefore, if RXDC
does not follow TXDC for 4 times the transmitter is disabled. The status bit is latched and can be cleared by SPI
read. The transmitter remains disabled until the status register is cleared.
15.1.2
Wakeup (from CAN)
When the device is in standby mode, with CAN wake up option enabled, the CAN bus traffic is detected. For the
wake up feature the device logic differentiates different conditions. When the device is in standby mode, with CAN
wake up option enabled, the CAN bus traffic is detected. For the wake up feature the device logic differentiates
between the following conditions.
L9300
CAN Interface
DS12258 - Rev 5
page 90/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com