Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 78Page - STMicroelectronics L9300 Datasheet HTML 79Page - STMicroelectronics L9300 Datasheet HTML 80Page - STMicroelectronics L9300 Datasheet HTML 81Page - STMicroelectronics L9300 Datasheet HTML 82Page - STMicroelectronics L9300 Datasheet HTML 83Page - STMicroelectronics L9300 Datasheet HTML 84Page - STMicroelectronics L9300 Datasheet HTML 85Page - STMicroelectronics L9300 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 178 page
background image
14
Q&A Watchdog
14.1
Q&A watchdog functional description
ASIC and Microcontroller exchange Queries and Answers on a defined timing base.
An internal Watchdog logic is implemented to inhibit load actuation such as to send Reset signal.
A second switch-off path, as shown in Figure 52. Bidirectional Timing check evolution, is provided to allow the
Micro to force the switch off the actuation channels.
Figure 50. WD block diagram
Deglitch filter
SPI
Watchdog
Logic
Fault Counter
Logic
Actuation Enable
Loads
Register
Configuration
WATCHDOG
EN_DR
WD_RST
(WD_CNT)
GADG0408171041PS
14.1.1
Timing
Two modes of timing checks are provided:
•
Monodirectional: Timing check based only on Answers. Microcontroller must send answers on a defined
time window
•
Bidirectional: Timings are bidirectionally checked. ASIC must receive queries on a defined time window.
Microcontroller must send answers on a defined time window
The selection between Mono and Bidirectional mode is possible through WD_REQ_CHECK_EN SPI register.
Default configuration is Monodirectional mode. Both the Mono and Bidirectional modes require the same Q/A
procedure to be controlled by the µC but:
•
in Monodirectional mode the Query can be sent in the whole timing windows between 2 Answers. Only the
timings between 2 consecutive answers must respect the defined timing window
•
in Bidirectional mode both the Request and the Answer must be sent on a predefined timing interval.
In case time windows are not respected an error is generated.
L9300
Q&A Watchdog
DS12258 - Rev 5
page 82/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com