Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 3Page - STMicroelectronics L9300 Datasheet HTML 4Page - STMicroelectronics L9300 Datasheet HTML 5Page - STMicroelectronics L9300 Datasheet HTML 6Page - STMicroelectronics L9300 Datasheet HTML 7Page - STMicroelectronics L9300 Datasheet HTML 8Page - STMicroelectronics L9300 Datasheet HTML 9Page - STMicroelectronics L9300 Datasheet HTML 10Page - STMicroelectronics L9300 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 178 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit Pin Direction
VDDIO
Local
-0.3
19
V
S
WAKE
Global
(3)
-0.3
40
V
I
CONFIG
Local
(3)
-0.3
40
V
I
CS, SCLK, SDI, EN_DR,
VDD1_SEL, CAN_DIS,
PRN, WD_DIS
Local
-0.3
19
V
I
SDO, DOUTx
Local
-0.3
19
V
O
RES1, RES2
Local
-0.3
5.5
V
O
INx
Local
-0.3
19
V
I
CAN_VDD
Local
-0.3
19
V
S
CANTXD
Local
-0.3
19
V
I
CANRXD
Local
-0.3
19
V
O
CANH, CANL
Global
CANH-CANL≤40 V
-18
40
V
I/O
GND_A
Local
Digital ground reference
-0.3
0.3
V
S
GND
Local
Ground reference
0
V
S
1. In case ECU pin is shorted to GND and gnd shift is present, the absolute values can be exceeded without damage and without impact on
other functions provided that the max reverse current on the involved pin is within the max value specified in the electrical characteristic
sections;
2. During Schottky diode activation time the absolute value can be exceeded without impact on buck functionality.
3. Protected with external 1 kΩ series resistor during battery transients
4.1
Latch-up trials
Latch-up tests performed according to JEDEC 78 class 2 Level A
4.2
ESD
Table 2. ESD requirements
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
ESD HBM Global
HBM global pins
ESD according to the Human Body Model (HBM), Q100-002 for
global pins; (100 pF/1.5 kΩ)
-4
4
kV
Global
ESD HBM
HBM local pins
ESD according to the Human Body Model (HBM), Q100-002 for all
pins; (100 pF/1.5 kΩ)
-2
2
kV
ALL
ESD CDM Corner(1) CDM corner pins
ESD according to the Charged Device Model (CDM), Q100-011
Corner pins
-750
750
V
Corner
ESD CDM
CDM all pins
ESD according to the Charged Device Model (CDM), Q100-011 All
pins
-500
500
V
ALL
1. VDD4_SH, WAKE: -650V, slug-up version only.
L9300
Absolute maximum ratings
DS12258 - Rev 5
page 7/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com