Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 89Page - STMicroelectronics L9300 Datasheet HTML 90Page - STMicroelectronics L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics L9300 Datasheet HTML 93Page - STMicroelectronics L9300 Datasheet HTML 94Page - STMicroelectronics L9300 Datasheet HTML 95Page - STMicroelectronics L9300 Datasheet HTML 96Page - STMicroelectronics L9300 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
CAN Transmitter And Receiver Parameters
VCANHDOM
CANH voltage level in
dominant state
Active mode;
VTXDC=VTXDCLOW; RL =
60 Ω, RL = 50 Ω
2.75
4.5
V
CANH
VCANLDOM
CANL voltage level in
dominant state
Active mode;
VTXDC=VTXDCLOW; RL=60 Ω,
RL=50 Ω
0.5
2.25
V
CANL
VDIFFODOM
Differential output voltage
in dominant state:
VCANHDOM -
VCANLDOM
Active mode;
VTXDC=VTXDCLOW; RL=60 Ω ,
RL=50 Ω
1.5
3
V
CANH,
CANL
VCM
Driver symmetry:
VCANHDOM +
VCANLDOM
Active mode;
VTXDC=VTXDCLOW; RL=60 Ω ;
0.9*
CANVDD
CANVDD
1.1*
CANVDD
V
CANH,
CANL
VCANHREC
CANH voltage level in
recessive state
Active mode;
VTXDC=VTXDCHIGH; No Load
2
2.5
3
V
CANH
VCANLREC
CANL voltage level in
recessive state
Active mode;
VTXDC=VTXDCHIGH; No Load
2
2.5
3
V
CANL
VCANHRECLP
CANH voltage level in
recessive state (Low
Power mode)
Stby mode, CONFIG=16 V;
VTXDC=VTXDCHIGH; No Load
-0.1
0
0.1
V
CANH
VCANLRECLP
CANL voltage level in
recessive state (Low
Power mode)
Stby mode, CONFIG=16 V;
VTXDC=VTXDCHIGH; No Load
-0.1
0
0.1
V
CANL
VDIFFOREC
Differential output voltage
in recessive state:
VCANHREC -
VCANLREC
Active mode;
VTXDC=VTXDCHIGH; No Load
-50
50
mV
CANH,
CANL
VDIFFORECLP
Differential output voltage
in recessive state (Low
Power mode):
VCANHREC -
VCANLREC
Stand-by mode, CONFIG=16V;
VTXDC=VTXDCHIGH; No Load
-50
50
mV
CANH,
CANL
VCANHLCM
Common mode bus
voltage
Measured with respect to the
ground of each CAN node,
design info
-12
12
V
CANH,
CANL
IOCANHDOM
CANH output current in
dominant state
Active mode;
VTXDC=VTXDCLOW;
VCANH=0V
-100
-75
-45
mA
CANH
IOCANLDOM
CANL output current in
dominant state
Active mode;
VTXDC=VTXDCLOW;
VCANL=5 V
45
75
100
mA
CANL
ILEAK
Input leakage current
Unpowered device; VBUS=5 V
250
µA
CANH,
CANL
RIN
Internal resistance
Active mode & Stby mode,
CONFIG=16 V;
VTXDC=VTXDCHIGH; No Load
20
34
50
kΩ
CANH,
CANL
RIN_MATCH
Internal resistor matching
CANH,CANL
Active mode & Stand-by mode,
CONFIG=16V;
VTXDC=VTXDCHIGH; No Load
RIN(CANH) – RIN(CANL)
3
%
CANH,
CANL
RIN_DIFF
Differential internal
resistance
Active mode & Stand-by mode,
CONFIG=16 V;
VTXDC=VTXDCHIGH; No Load
40
68
100
kΩ
CANH,
CANL
CIN
Internal capacitance
Guaranteed by design
20
50
pF
CANH,
CANL
L9300
CAN Interface
DS12258 - Rev 5
page 93/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com