Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9300 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 22Page - STMicroelectronics L9300 Datasheet HTML 23Page - STMicroelectronics L9300 Datasheet HTML 24Page - STMicroelectronics L9300 Datasheet HTML 25Page - STMicroelectronics L9300 Datasheet HTML 26Page - STMicroelectronics L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
CVDD3_OPT
Optional output
capacitor(1)
Application note max drivable cap in
parallel with CVDD3
220
µF
VDD3
CVDD3 ESR
Output capacitor ESR
Application note f ≤ 150 kHz
0.01
0,1
Ω
VDD3
CDRAIN3 EMI
Drain Output capacitor
Application note, VDRAIN=VBATP
Capacitor required on the drain of
external N-channel FET to prevent
self-mode oscillations and to improve
EMI robustness
1
µF
CDRAIN3 EMI
Drain Output capacitor
Application note, VDRAIN=VDD1
Capacitor required on the drain of
external N-channel FET to prevent
self-mode oscillations and to improve
EMI robustness
0.1
µF
R3up
Feedback resistor range
5
15
kΩ
VDD3_SEL
VDD3 Regulator
VDD3_SEL
Regulated feedback
voltage
0.01 A ≤ IVDD3 ≤ 1 A
0.8–2%
0.8
0.8+2%
V
VDD3_SEL
VDD3_SEL line
Line regulation
VDRAIN 6 V to 19 V, IVDD3 = 0.01 A,
1 A
-5
+5
mV
VDD3_SEL
VDD3_SEL load Load regulation
IVDD3 = 0.01 A to 1 A, VDRAIN 6 V to
19 V
-5
+5
mV
VDD3_SEL
VDD3_SEL _tr1
Transient output voltage
1
VDRAIN = 13 V, VDD3 ≥ 3.3 V,
∆IVDD3 =300 mA; dI/dt = 0.5 A/µs,
CVDD3 = 5 µF, Guaranteed by design
-5
+5
%
VDD3_SEL
VDD3_SEL _tr1
Transient output voltage
1 (No Reset Asserted)
VDRAIN = 13 V, VDD3 < 3.3 V,
∆IVDD3 =300 mA; dI/dt = 0.5 A/µs,
CVDD3 = 5 µF, Guaranteed by design
-8
+8
%
VDD3_SEL
VDD3_SEL _tr2
Transient output voltage
2 (No Reset Asserted)
VDRAIN step 12 V to 18 V; 18 V to
12 V, dVDRAIN/dt = 3 V/µs, IVDD3 =
0.01 A, 1 A, CVDD3 = 5 µF,
Guaranteed by design
-7
+7
%
VDD3_SEL
VDD3_G out
Gate output voltage
VBATP = 5.5 V, Open loop condition,
VDD3_SEL = 0.7 V
12
16
V
VDD3_G
VDD3_G pd
Gate internal pull down
100
1000
kΩ
VDD3_G
VDD3_PSSR
PSSR
VDRAIN = 6.5 V, IVDD3 = 500 mA,
Vnoise = 1 Vpp, fnoise = 465 kHz,
CVDD3 = 5 µF Guaranteed by design
20
dB
VDD3
VDD3_SEL
ovs_a
Overshoot at power on
IVDD3 = 10 mA, CVDD3 = 5 µF
4%
V
VDD3_SEL
VDD3_SEL
ovs_b
Overshoot at VBATP
step
VBATP step from 5.5 V to 13 V during
10 µs, IVDD3 = 500 mA, CVDD3 = 5 µF,
Guaranteed by design
10%
V
VDD3_SEL
VDD3_SEL soft
Slope control
VDRAIN=VBATP = 13 V IVDD3 =
10 mA, CVDD3 = 4.7 µF
1
5
V/ms VDD3_SEL
Diagnostic
VDD3_UV
VDD3_SEL undervoltage
VDD3_SEL
typ * (9.1/10)
VDD3_SEL
typ * (9.6/10)
V
VDD3_SEL
VDD3_UV_ft
VDD3_SEL undervoltage
filter time
Guaranteed by scan
8
16
µs
VDD3_SEL
VDD3_OV
VDD3_SEL overvoltage
VDD3_SEL
typ * (11/10)
VDD3_SEL
typ * (11.8/10)
V
VDD3_SEL
L9300
Power supply
DS12258 - Rev 5
page 26/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com